Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6706 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 33Page - STMicroelectronics L6706 Datasheet HTML 34Page - STMicroelectronics L6706 Datasheet HTML 35Page - STMicroelectronics L6706 Datasheet HTML 36Page - STMicroelectronics L6706 Datasheet HTML 37Page - STMicroelectronics L6706 Datasheet HTML 38Page - STMicroelectronics L6706 Datasheet HTML 39Page - STMicroelectronics L6706 Datasheet HTML 40Page - STMicroelectronics L6706 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
L6706
Output voltage monitor and protections
Doc ID 15698 Rev 2
37/47
15.5
Feedback disconnection
L6706 allows to protect the load from dangerous over voltage also in case of feedback
disconnection. The device is able to recognize both FB pin and FBG pin disconnections, as
shown in the Figure 21.
When VSEN pin is more than 500 mV higher then VPROG, the device recognize a FBG
disconnections. Viceversa, when CS- is more than 700 mV higher then VSEN, the device
recognize a FB disconnection.
In both of the previous condition the device stops switching with the MOSFETs permanently
OFF and drives high the OSC/FAULT pin. The condition is latched until VCC or OUTEN
cycled.
Figure 21.
Feedback disconnection
COMP
To GND_core
(Remote Sense)
ERROR
AMPLIFIER
FB
FBG
RF
CF
VSEN
I
DROOP
To VCC_core
(Remote Sense)
RFB
VPROG
VREF
FBG
GND DROP
RECOVERY
CP
L
DCR
PHASE
VOUT
CS+
CS-
R
C
Rg
FB
DISCONNECTED
700mV
FBG
DISCONNECTED
500mV
I
OS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com