Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6706 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 9Page - STMicroelectronics L6706 Datasheet HTML 10Page - STMicroelectronics L6706 Datasheet HTML 11Page - STMicroelectronics L6706 Datasheet HTML 12Page - STMicroelectronics L6706 Datasheet HTML 13Page - STMicroelectronics L6706 Datasheet HTML 14Page - STMicroelectronics L6706 Datasheet HTML 15Page - STMicroelectronics L6706 Datasheet HTML 16Page - STMicroelectronics L6706 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
L6706
Voltage identifications
Doc ID 15698 Rev 2
13/47
4
Voltage identifications
Table 6.
Voltage Identification (VID) mapping Intel VR11.x
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
800 mV
400 mV
200 mV
100 mV
50 mV
25 mV
12.5 mV
6.25 mV
Table 7.
Voltage Identification (VID) Intel VR11.x(1)
HEX code
Output
voltage (1)
HEX code
Output
voltage (1)
HEX code
Output
voltage (1)
HEX code
Output
voltage (1)
0
0
OFF
4
0
1.21250
8
0
0.81250
C
0
0.41250
0
1
OFF
4
1
1.20625
8
1
0.80625
C
1
0.40625
0
2
1.60000
4
2
1.20000
8
2
0.80000
C
2
0.40000
0
3
1.59375
4
3
1.19375
8
3
0.79375
C
3
0.39375
0
4
1.58750
4
4
1.18750
8
4
0.78750
C
4
0.38750
0
5
1.58125
4
5
1.18125
8
5
0.78125
C
5
0.38125
0
6
1.57500
4
6
1.17500
8
6
0.77500
C
6
0.37500
0
7
1.56875
4
7
1.16875
8
7
0.76875
C
7
0.36875
0
8
1.56250
4
8
1.16250
8
8
0.76250
C
8
0.36250
0
9
1.55625
4
9
1.15625
8
9
0.75625
C
9
0.35625
0
A
1.55000
4
A
1.15000
8
A
0.75000
C
A
0.35000
0
B
1.54375
4
B
1.14375
8
B
0.74375
C
B
0.34375
0
C
1.53750
4
C
1.13750
8
C
0.73750
C
C
0.33750
0
D
1.53125
4
D
1.13125
8
D
0.73125
C
D
0.33125
0
E
1.52500
4
E
1.12500
8
E
0.72500
C
E
0.32500
0
F
1.51875
4
F
1.11875
8
F
0.71875
C
F
0.31875
1
0
1.51250
5
0
1.11250
9
0
0.71250
D
0
0.31250
1
1
1.50625
5
1
1.10625
9
1
0.70625
D
1
0.30625
1
2
1.50000
5
2
1.10000
9
2
0.70000
D
2
0.30000
1
3
1.49375
5
3
1.09375
9
3
0.69375
D
3
0.29375
1
4
1.48750
5
4
1.08750
9
4
0.68750
D
4
0.28750
1
5
1.48125
5
5
1.08125
9
5
0.68125
D
5
0.28125
1
6
1.47500
5
6
1.07500
9
6
0.67500
D
6
0.27500
1
7
1.46875
5
7
1.06875
9
7
0.66875
D
7
0.26875
1
8
1.46250
5
8
1.06250
9
8
0.66250
D
8
0.26250
1
9
1.45625
5
9
1.05625
9
9
0.65625
D
9
0.25625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com