Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6706 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 8Page - STMicroelectronics L6706 Datasheet HTML 9Page - STMicroelectronics L6706 Datasheet HTML 10Page - STMicroelectronics L6706 Datasheet HTML 11Page - STMicroelectronics L6706 Datasheet HTML 12Page - STMicroelectronics L6706 Datasheet HTML 13Page - STMicroelectronics L6706 Datasheet HTML 14Page - STMicroelectronics L6706 Datasheet HTML 15Page - STMicroelectronics L6706 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Electrical specifications
L6706
12/47
Doc ID 15698 Rev 2
SR
EA slew-rate
COMP = 10 pF to SGND
25
V/
μs
Differential current sensing and offset
VOCSET
OCSET pin voltage
1.120 1.260 1.400
mV
KIDROOP
Droop current deviation from
nominal value
Rg = 1 k
Ω; I
DROOP = 25 μA;
-2
-
+2
μA
KIOFFSET
Offset current accuracy
IOFFSET = 50 μA to 250 μA-5
-
5
%
IOFFSET
OFFSET current range
0
250
μA
VOFFSET
OFFSET pin bias
IOFFSET = 0 to 250 μA1.240
V
Gate drivers
tRISE UGATE
High side rise time
BOOT-PHASE = 12 V;
CUGATE to PHASE = 3.3 nF
20
ns
IUGATE
High side source current
BOOT-PHASE = 12 V
1.5
A
RUGATE
High side sink resistance
BOOT-PHASE = 12 V
1.8
Ω
tRISE LGATE
Low side rise time
VCCDR = 12 V;
CLGATE to PGND = 5.6 nF
25
ns
ILGATE
Low side source current
VCCDR = 12 V
2
A
RLGATE
Low side sink resistance
VCCDR = 12 V
1.2
Ω
Protections
OVP
Over voltage protection
(VSEN rising)
Before VBOOT
1.24
1.300
V
Above VID (after TD3)
150
175
200
mV
Programmable
OVP
IOVP current
OVP = SGND
20
22
24
μA
Comparator offset voltage
OVP = 1.800 V
-20
0
20
mV
Pre-OVP
Preliminary over voltage
protection
UVLOOVP < VCC < UVLOVCC
VCC> UVLOVCC and OUTEN = SGND
VSEN rising
1.750 1.800 1.850
V
Hysteresis
350
mV
UVP
Under voltage threshold
VSEN falling; below VID
550
600
650
mV
VSSEND
SS_END voltage low
I = -4 mA
0.4
V
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com