Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6706 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 17Page - STMicroelectronics L6706 Datasheet HTML 18Page - STMicroelectronics L6706 Datasheet HTML 19Page - STMicroelectronics L6706 Datasheet HTML 20Page - STMicroelectronics L6706 Datasheet HTML 21Page - STMicroelectronics L6706 Datasheet HTML 22Page - STMicroelectronics L6706 Datasheet HTML 23Page - STMicroelectronics L6706 Datasheet HTML 24Page - STMicroelectronics L6706 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
L6706
Voltage positioning
Doc ID 15698 Rev 2
21/47
where:
Offset resistor can be designed by considering the following relationship (RFB is fixed by the
Droop effect):
Offset automatically given by the DAC selection differs from the offset implemented through
the OFFSET pin: the built-in feature is trimmed in production and assures ±0.5% error over
load and line variations
Figure 7.
Voltage positioning with positive offset
8.2
Droop function
This method “recovers” part of the drop due to the output capacitor ESR in the load
transient, introducing a dependence of the output voltage on the load current: a static error
proportional to the output current causes the output voltage to vary according to the sensed
current.
As shown in Figure 6, the ESR drop is present in any case, but using the droop function the
total deviation of the output voltage is minimized. Moreover, more and more high-
performance CPUs require precise load-line regulation to perform in the proper way.
DROOP function is not then required only to optimize the output filter, but also becomes a
requirement of the load.
The device forces a current IDROOP, proportional to the read current, into the feedback RFB
resistor implementing the load regulation dependence. Since IDROOP depends on the
current information, the output characteristic vs. load current is then given by (neglecting the
OFFSET voltage term):
Where DCR is the inductor parasitic resistance (or sense resistor when used) and IOUT is
the output current of the system. The whole power supply can be then represented by a
V
OUT IOUT
()
V
PROG
R
FB
I
DROOP IOUT
()
1.240V
R
OFFSET
------------------------
=
V
OS
R
FB
1.240V
R
OFFSET
------------------------
=
R
OFFSET
R
FB
1.240V
V
OS
-------------------
=
COMP
To GND_core
(Remote Sense)
ERROR AMPLIFIER
FB
FBG
RF
CF
VSEN
I
DROOP
To VCC_core
(Remote Sense)
RFB
VPROG
VREF
FBG
GND DROP
RECOVERY
CP
I
OFFSET
1.240V
ROFFSET
OFFSET
V
OUT
V
PROG
R
FB
I
DROOP
V
REF
R
FB
DCR
Rg
------------- I
OUT
⋅⋅
V
PROG
R
DROOP
I
OUT
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com