Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6706 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 28Page - STMicroelectronics L6706 Datasheet HTML 29Page - STMicroelectronics L6706 Datasheet HTML 30Page - STMicroelectronics L6706 Datasheet HTML 31Page - STMicroelectronics L6706 Datasheet HTML 32Page - STMicroelectronics L6706 Datasheet HTML 33Page - STMicroelectronics L6706 Datasheet HTML 34Page - STMicroelectronics L6706 Datasheet HTML 35Page - STMicroelectronics L6706 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Soft-start
L6706
32/47
Doc ID 15698 Rev 2
Figure 14.
SSOSC connection
where TSS is the time spent to reach the programmed voltage VSS and RSSOSC the resistor
connected between SSOSC and SSEND (through a signal diode) in k
Ω.
Figure 15.
Soft-start time (TSS) when using RSSOSC, diode versus SSEND
Use the following relationship to select the maximum LTB switching frequency:
where FLIMIT has to be higher than the FSW switching frequency.
SSOSC
SS_END
RSSOSC
D
Q
RPull-Up(1k)
VPull-Up(1.2V)
to SSEND Logic
Rb(10k)
RFLIMIT
Soft Start time and FLIMIT
selected in indipendent way.
RFLIM_SS
Soft Start time depends
on selected FLIMIT.
R
SSOSC kΩ
[]
T
D2 μs
[] 40 10
3
–
1.24
V
DIODE V
[]
–
1.24
-----------------------------------------------
⋅⋅
⋅
=
T
SS μs
[]
200
μs
[]
R
SSOSC kΩ
[]
40 10
3
–
⋅
-----------------------------------
1.24
1.24
V
DIODE V
[]
–
-----------------------------------------------
V
SS
V
BOOT
------------------
⋅⋅
if V
SS
V
BOOT
>
()
R
SSOSC kΩ
[]
40 10
3
–
⋅
-----------------------------------
1.24
1.24
V
DIODE V
[]
–
-----------------------------------------------
1
V
SS
V
BOOT
------------------
+
⋅⋅
if V
SS
V
BOOT
<
()
⎩
⎪
⎪
⎨
⎪
⎪
⎧
+
=
R
FLIMIT kΩ
[]
2.11 10
4
⋅
F
LIMIT kHz
[]
---------------------------------
1.24
V
CE
BJT
V
[]
–
1.24
-----------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com