Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6706 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 34Page - STMicroelectronics L6706 Datasheet HTML 35Page - STMicroelectronics L6706 Datasheet HTML 36Page - STMicroelectronics L6706 Datasheet HTML 37Page - STMicroelectronics L6706 Datasheet HTML 38Page - STMicroelectronics L6706 Datasheet HTML 39Page - STMicroelectronics L6706 Datasheet HTML 40Page - STMicroelectronics L6706 Datasheet HTML 41Page - STMicroelectronics L6706 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
Oscillator
L6706
38/47
Doc ID 15698 Rev 2
16
Oscillator
The internal oscillator generates the triangular waveform for the PWM charging and
discharging with a constant current an internal capacitor. The current delivered to the
oscillator is typically 25
μA (corresponding to the free running frequency F
SW = 200 kHz)
and it may be varied using an external resistor (ROSC) connected between the OSC/FAULT
pin and SGND or VCC (or a fixed voltage greater than 1.24 V). Since the OSC/FAULT pin is
fixed at 1.240 V, the frequency is varied proportionally to the current sunk (forced) from (into)
the pin considering the internal gain of 10 kHz/
μA.
In particular connecting ROSC to SGND the frequency is increased (current is sunk from the
pin), while connecting ROSC to VCC = 12 V the frequency is reduced (current is forced into
the pin), according the following relationships:
ROSC vs. SGND
ROSC vs. +12V
Maximum programmable switching frequency must be limited to 1 MHz to avoid minimum
Ton limitation. Anyway, device power dissipation must be checked prior to design high
switching frequency systems.
Figure 22.
ROSC vs. switching frequency
F
SW
200 kHz
()
1.240V
R
OSC kΩ
()
---------------------------- 9.1
kHz
μA
-----------
⋅
+
200 kHz
() 11.284 10
3
⋅
R
OSC kΩ
()
--------------------------------
R
OSC kΩ
()
⇒
+
11.284 10
3
⋅
F
SW kHz
() 200 kHz
()
–
------------------------------------------------------------
==
=
k
Ω
[]
F
SW
200 kHz
() 12V 1.240V
–
R
OSC kΩ
()
------------------------------------ 9.1
kHz
μA
-----------
⋅
–
200 kHz
() 9.7916 10
4
⋅
R
OSC kΩ
()
--------------------------------
–
R
OSC kΩ
()
⇒
9.7916 10
4
⋅
200 kHz
() F
SW kHz
()
–
------------------------------------------------------------
==
=
k
Ω
[]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com