Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6706 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 37Page - STMicroelectronics L6706 Datasheet HTML 38Page - STMicroelectronics L6706 Datasheet HTML 39Page - STMicroelectronics L6706 Datasheet HTML 40Page - STMicroelectronics L6706 Datasheet HTML 41Page - STMicroelectronics L6706 Datasheet HTML 42Page - STMicroelectronics L6706 Datasheet HTML 43Page - STMicroelectronics L6706 Datasheet HTML 44Page - STMicroelectronics L6706 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
L6706
System control loop compensation
Doc ID 15698 Rev 2
41/47
desired crossover frequency
ω
T. Neglecting the effect of ZF(s), the transfer function has one
zero and two poles; both the poles are fixed once the output filter is designed (LC filter
resonance
ω
LC) and the zero (ωESR) is fixed by ESR and the droop resistance.
Figure 24.
Equivalent control loop block diagram (left) and bode diagram (right)
To obtain the desired shape an RF - CF series network is considered for the ZF(s)
implementation. A zero at
ω
F = 1/RFCF is then introduced together with an integrator. This
integrator minimizes the static error while placing the zero
ω
F in correspondence with the L-
C resonance assures a simple -20 dB/dec shape of the gain.
In fact, considering the usual value for the output filter, the LC resonance results to be at
frequency lower than the above reported zero.
Compensation network can be simply designed placing
ω
F = ωLC and imposing the cross-
over frequency
ω
T as desired obtaining (always considering that ωT might be not higher than
1/10th of the switching frequency FSW):
Moreover, it is suggested to filter the high frequency ripple on the COMP pin adding also a
capacitor between COMP pin and FB pin (it does not change the system bandwidth):
VREF
FB
COMP
VSEN
FBG
RF
CF
RFB
PWM
L
ESR
CO
RO
d VOUT
VOUT
ZF(s)
ZFB(s)
dB
ω
ZF(s)
GLOOP(s)
K
ω
LC = ωF
ω
ESR
ω
T
RF[dB]
CP
R
F
R
FB
ΔV
OSC
⋅
V
IN
----------------------------------
5
3
---
ω
T
L
R
DROOP
ESR
+
()
-----------------------------------------------
⋅⋅
⋅
=
C
F
C
O
L
⋅
R
F
--------------------
=
C
P
1
2
π R
⋅
F
F
SW
⋅⋅
---------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com