Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP176 Datasheet(PDF) 107 Page - STMicroelectronics

Part # LQFP176
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP176 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button LQFP176 Datasheet HTML 103Page - STMicroelectronics LQFP176 Datasheet HTML 104Page - STMicroelectronics LQFP176 Datasheet HTML 105Page - STMicroelectronics LQFP176 Datasheet HTML 106Page - STMicroelectronics LQFP176 Datasheet HTML 107Page - STMicroelectronics LQFP176 Datasheet HTML 108Page - STMicroelectronics LQFP176 Datasheet HTML 109Page - STMicroelectronics LQFP176 Datasheet HTML 110Page - STMicroelectronics LQFP176 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 133 page
background image
DocID15131 Rev 9
107/133
SPC560B54x/6x
Electrical characteristics
132
4.18
On-chip peripherals
4.18.1
Current consumption
Table 47. On-chip peripherals current consumption(1)
Symbol
C
Parameter
Conditions
Typical
value(2)
Unit
IDD_BV(CAN) CC T
CAN (FlexCAN)
supply current on
VDD_BV
Bitrate:
500 Kbyte/s
Total (static + dynamic)
consumption:
– FlexCAN in loop-back
mode
– XTAL at 8 MHz used as
CAN engine clock source
– Message sending period is
580 µs
8 * fperiph + 85
µA
Bitrate:
125 Kbyte/s
8 * fperiph + 27
IDD_BV(eMIOS) CC T
eMIOS supply current
on VDD_BV
Static consumption:
– eMIOS channel OFF
– Global prescaler enabled
29 * fperiph
µA
Dynamic consumption:
– It does not change varying the frequency
(0.003 mA)
3
IDD_BV(SCI) CC T
SCI (LINFlex) supply
current on VDD_BV
Total (static + dynamic) consumption:
– LIN mode
– Baudrate: 20 Kbyte/s
5 * fperiph + 31 µA
IDD_BV(SPI)
CC T
SPI (DSPI) supply
current on VDD_BV
Ballast static consumption (only clocked)
1
µA
Ballast dynamic consumption (continuous
communication):
– Baudrate: 2 Mbit/s
– Transmission every 8 µs
– Frame: 16 bits
16 * fperiph
IDD_BV
(ADC_0/ADC_1)
CC T
ADC_0/ADC_1 supply
current on VDD_BV
VDD = 5.5 V
Ballast static consumption (no
conversion)(3)
41 * fperiph
µA
Ballast dynamic consumption
(continuous conversion)(3)
46 * fperiph
IDD_HV_ADC0 CC T
ADC_0 supply current
on VDD_HV_ADC0
VDD = 5.5 V
Analog static consumption
(no conversion)
200
µA
Analog dynamic consumption
(continuous conversion)
3mA
IDD_HV_ADC1 CC T
ADC_1 supply current
on VDD_HV_ADC1
VDD = 5.5 V
Analog static consumption
(no conversion)
300 * fperiph
µA
Analog dynamic consumption
(continuous conversion)
4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com