Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 102Page - STMicroelectronics STM8S105C4 Datasheet HTML 103Page - STMicroelectronics STM8S105C4 Datasheet HTML 104Page - STMicroelectronics STM8S105C4 Datasheet HTML 105Page - STMicroelectronics STM8S105C4 Datasheet HTML 106Page - STMicroelectronics STM8S105C4 Datasheet HTML 107Page - STMicroelectronics STM8S105C4 Datasheet HTML 108Page - STMicroelectronics STM8S105C4 Datasheet HTML 109Page - STMicroelectronics STM8S105C4 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 121 page
background image
Thermal characteristics
STM8S105x4/6
106/121
DocID14771 Rev 15
12
Thermal characteristics
The maximum junction temperature (TJmax) of the device must never exceed the values
specified in Table 18: General operating conditions, otherwise the functionality of the device
cannot be guaranteed.
The maximum junction temperature TJmax, in degrees Celsius, may be calculated using the
following equation:
TJmax = TAmax + (PDmax x JA)
Where:
TAmax is the maximum ambient temperature in C
JA is the package junction-to-ambient thermal resistance in C/W
PDmax is the sum of PINTmax and PI/Omax (PDmax = PINTmax + PI/Omax)
PINTmax is the product of IDD and VDD, expressed in Watts. This is the maximum chip
internal power.
PI/Omax represents the maximum power dissipation on output pins
Where:
PI/Omax = (VOL*IOL) + ((VDD-VOH)*IOH), 
taking into account the actual VOL/IOL and VOH/IOH of the I/Os at low and high level in
the application.
12.1
Reference document
JESD51-2 integrated circuits thermal test method environment conditions - natural
convection (still air). Available from www.jedec.org.
Table 56. Thermal characteristics(1)
1. Thermal resistances are based on JEDEC JESD51-2 with 4-layer PCB in a natural convection
environment.
Symbol
Parameter
Value
Unit
JA
Thermal resistance junction-ambient
LQFP48 - 7x7 mm
°C/W
Thermal resistance junction-ambient
LQFP44 - 10x10 mm
Thermal resistance junction-ambient
LQFP32 - 7x7 mm
Thermal resistance junction-ambient
UFQFPN32 - 5x5 mm
Thermal resistance junction-ambient
SDIP32 - 400 ml



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com