Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 104Page - STMicroelectronics STM8S105C4 Datasheet HTML 105Page - STMicroelectronics STM8S105C4 Datasheet HTML 106Page - STMicroelectronics STM8S105C4 Datasheet HTML 107Page - STMicroelectronics STM8S105C4 Datasheet HTML 108Page - STMicroelectronics STM8S105C4 Datasheet HTML 109Page - STMicroelectronics STM8S105C4 Datasheet HTML 110Page - STMicroelectronics STM8S105C4 Datasheet HTML 111Page - STMicroelectronics STM8S105C4 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 121 page
background image
Ordering information
STM8S105x4/6
108/121
DocID14771 Rev 15
13
Ordering information
Figure 61. STM8S105x4/6 access line ordering information scheme(1)
1. A dedicated ordering information scheme will be released if, in the future, memory programming service
(FastROM) is required The letter “P” will be added after STM8S. Three unique letters identifying the
customer application code will also be visible in the codification. Example: STM8SP103K3MACTR.
For a list of available options (for example memory size, package) and orderable part
numbers or for further information on any aspect of this device, please go to www.st.com or
contact the nearest ST Sales Office.
STM8
S
105
K
4
T
6
TR
Product class
STM8 microcontroller
Program memory size
4 = 16 Kbyte
6 = 32 Kbyte
Package type
B = SDIP
T = LQFP
U = UFQFPN
Example:
Sub-family type
10x = Access line
105 sub-family
Family type
S = Standard
Temperature range
3 = -40 to 125 °C
6 = -40 to 85 °C
Packing
No character = Tray or tube
TR = Tape and reel
Pin count
K = 32 pins
S = 44 pins
C = 48 pins
Package pitch/thickness
Blank = 0.5 mm
C = 0.8 mm
A = 0.55 mm thickness for UFQFPN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com