Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 105Page - STMicroelectronics STM8S105C4 Datasheet HTML 106Page - STMicroelectronics STM8S105C4 Datasheet HTML 107Page - STMicroelectronics STM8S105C4 Datasheet HTML 108Page - STMicroelectronics STM8S105C4 Datasheet HTML 109Page - STMicroelectronics STM8S105C4 Datasheet HTML 110Page - STMicroelectronics STM8S105C4 Datasheet HTML 111Page - STMicroelectronics STM8S105C4 Datasheet HTML 112Page - STMicroelectronics STM8S105C4 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 121 page
background image
DocID14771 Rev 15
109/121
STM8S105x4/6
Ordering information
115
13.1
STM8S105 FASTROM microcontroller option list
(last update: September 2010)
The preferable format for programing code is .Hex (.s19 is accepted)
If data EEPROM programing is required, a separate file must be sent with the requested
data.
Note:
See the option byte section in the datasheet for authorized option byte combinations and a
detailed explanation.
Device type/memory size/package (check only one option)
Conditioning (check only one option)
[ ] Tape and reel or [ ] Tray
Special marking (check only one option)
[ ] No [ ] Yes
Authorized characters are letters, digits, '.', '-', '/' and spaces only. Maximum character
counts are:
LQFP32: 2 lines of 7 characters max: “_ _ _ _ _ _ _” and “_ _ _ _ _ _ _”
LQFP44: 2 lines of 7 characters max: “_ _ _ _ _ _ _” and “_ _ _ _ _ _ _”
LQFP48: 2 lines of 8 characters max: “_ _ _ _ _ _ _ _” and “_ _ _ _ _ _ _ _”
Temperature range
[ ] -40°C to +85°C or [ ] -40°C to +125°C
Customer
...............................................................................
Address
...............................................................................
Contact
...............................................................................
Phone number
...............................................................................
FASTROM code reference(1)
1. The FASTROM code name is assigned by STMicroelectronics.
...............................................................................
FASTROM device
16 Kbyte
32 Kbyte
LQFP32
[ ] STM8S105K4
[ ] STM8S105K6
LQFP44
[ ] STM8S105S4
[ ] STM8S105S6
LQFP48
[ ] STM8S105C4
[ ] STM8S105C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com