Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3935 Datasheet(PDF) 7 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 7 Page - ams AG

Back Button AS3935 Datasheet HTML 3Page - ams AG AS3935 Datasheet HTML 4Page - ams AG AS3935 Datasheet HTML 5Page - ams AG AS3935 Datasheet HTML 6Page - ams AG AS3935 Datasheet HTML 7Page - ams AG AS3935 Datasheet HTML 8Page - ams AG AS3935 Datasheet HTML 9Page - ams AG AS3935 Datasheet HTML 10Page - ams AG AS3935 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
6 - 27
AS3935
Datasheet - Electrical Character i s t ics
LCOSUT
LCO Start-up Time
2ms
Time needed by the LCO to start-
up
TSRCO
SRCO frequency after calibration
1.065
1.125
1.19
MHz
Assuming FLCO = 500 kHz
TTRCO
TRCO frequency after calibration
30.5
32.26
34.0
kHz
TRCOCAL
Calibration time for the RC oscillators
2ms
The calibration of the RC
oscillators starts after the LCO
settles
VROUT
Voltage regulator output voltage
2.7
3.0
3.3
V
Table 7. Electrical System Specifications
Symbol
Parameter
Min
Typ
Max
Units
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com