Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3935 Datasheet(PDF) 16 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 16 Page - ams AG

Back Button AS3935 Datasheet HTML 12Page - ams AG AS3935 Datasheet HTML 13Page - ams AG AS3935 Datasheet HTML 14Page - ams AG AS3935 Datasheet HTML 15Page - ams AG AS3935 Datasheet HTML 16Page - ams AG AS3935 Datasheet HTML 17Page - ams AG AS3935 Datasheet HTML 18Page - ams AG AS3935 Datasheet HTML 19Page - ams AG AS3935 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
15 - 27
AS3935
Datasheet - Detailed Descri p ti on
8.4.2 Writing of Register Data
Figure 14. SPI Page Write
8.4.3 Reading of Data from Addressable Registers (READ Mode)
Once the address has been sent via SPI, the data can be fed through the MISO pin out to the microcontroller.
A CS high toggling high-low-high has to be performed after finishing the read mode session, in order to indicate the end of the READ command
and prepare the Interface to the next command control Byte.
To transfer bytes from consecutive addresses, SPI master has to keep the CS signal low and the SCLK clock has to be active as long as data
need to be read.
Figure 15. SPI Read Byte
CS
SCLK
MOSI
00 A5
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
1
Two leading
Zeros indicate
WRITE Mode
Data is moved
to Address
<A5-A0 >
Data is moved
to Address
<A5-A0 > + 1
Data is moved
to Address
<A5-A0 > + (n-1)
Data is moved
to Address
<A5-A0 > + n
CS falling
edge signals
end of
WRITE Mode
D
0
CS
SCLK
MOSI
0
1
A5
A4
A3
A2
A1
A0
X
X
D4
D3
D2
D1
D0
D7
D6
X
X
MISO
D5
SCLK rising
edge Data is
transferred from
µC
01pattern
indicates
READ Mode
SCLK
falling edge
Data is
sampled
SCLK rising
edge Data is
moved from
Address
<A5-A0>
SCLK falling
edge Data is
transferred to
µC
CS falling
edge signals
end of READ
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com