Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3935 Datasheet(PDF) 9 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 9 Page - ams AG

Back Button AS3935 Datasheet HTML 5Page - ams AG AS3935 Datasheet HTML 6Page - ams AG AS3935 Datasheet HTML 7Page - ams AG AS3935 Datasheet HTML 8Page - ams AG AS3935 Datasheet HTML 9Page - ams AG AS3935 Datasheet HTML 10Page - ams AG AS3935 Datasheet HTML 11Page - ams AG AS3935 Datasheet HTML 12Page - ams AG AS3935 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
8 - 27
AS3935
Datasheet - Detailed Descr i p ti on
8 Detailed Description
The AS3935 can detect the presence of an approaching storm with lightning activities and provide an estimation of the distance to the leading
edge of the storm, where the leading edge of the storm is defined as the minimum distance from the sensor to the closest edge of the storm. The
embedded hardwired distance estimation algorithm of the AS3935 issues an interrupt on the IRQ pin (see Interrupt Management on page 22)
every time a lightning is detected. The estimated distance which is displayed in the distance estimation register does not represent the distance
to the single lightning but the estimated distance to the leading edge of the storm. A graphical representation is shown in the Figure 9.
Figure 9. Storm
As shown in Figure 10, Figure 11, Figure 12, and Figure 13, the system integration consists mainly of the AS3935 and an external control unit
(e.g. MCU) for the IC initialization and interrupt management (IRQ).
The choice of interface type (SPI vs. I²C) is accomplished using pin 9, SI (Select Interface). When the SI is connected to GND, the SPI is
selected. When the SI is connected to VDD, the I²C is selected. Pins ADD0 and ADD1 are used to select among 4 different I²C address.
The internal voltage regulator can be enabled by connecting EN_VREG to VDD. If the internal regulator is not used, capacitor C3 is not needed
and VREG must be connected to VDD. In this case, the AS3935 can be directly supplied by VREG and VDD (EN_VREG to GND).
AS3935 needs the following external components:

Power supply capacitor – CBAT – 1µF

Load capacitor on the ACG and VREG pins; the latter is needed only in case the voltage regulator is enabled

One, RLC resonators for the antenna

One resistor on the I2CL pin to VDD, if I²C is active (R2 > 10k
Ω)
Time
Single lightning events
Distance estimation of the AS3935



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com