Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3935 Datasheet(PDF) 5 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 5 Page - ams AG

  AS3935 Datasheet HTML 1Page - ams AG AS3935 Datasheet HTML 2Page - ams AG AS3935 Datasheet HTML 3Page - ams AG AS3935 Datasheet HTML 4Page - ams AG AS3935 Datasheet HTML 5Page - ams AG AS3935 Datasheet HTML 6Page - ams AG AS3935 Datasheet HTML 7Page - ams AG AS3935 Datasheet HTML 8Page - ams AG AS3935 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
4 - 27
AS3935
Datasheet - Absolute Maximum Rat i ngs
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 5 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Electrical Parameters
DC supply voltage (VDD)
-0.5
7
V
Input pin voltage (VIN)
-0.5
5
V
Input current (latch up immunity), (Iscr)
-100
100
mA
Norm: Jedec 78
Electrostatic Discharge
Electrostatic discharge (ESD)
±2
kV
Norm: MIL 883 E method
3015 (Human Body Model)
Continuous Power Dissipation
Total power dissipation
(all supplies and outputs), (Pt)
0.1
mW
Temperature Ranges and Storage Conditions
Storage temperature (Tstrg)
-65
150
ºC
Package body temperature (Tbody)
260
ºC
Norm: IPC/JEDEC J-STD-020
The reflow peak soldering temperature (body
temperature) is specified according IPC/JEDEC J-
STD-020 “Moisture/Reflow Sensitivity Classification for
Non-hermetic Solid State Surface Mount Devices”.
Humidity non-condensing
585
%
Moisture Sensitivity Level (MSL)
3
Represents a maximum floor life time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com