Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3935 Datasheet(PDF) 22 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 22 Page - ams AG

Back Button AS3935 Datasheet HTML 18Page - ams AG AS3935 Datasheet HTML 19Page - ams AG AS3935 Datasheet HTML 20Page - ams AG AS3935 Datasheet HTML 21Page - ams AG AS3935 Datasheet HTML 22Page - ams AG AS3935 Datasheet HTML 23Page - ams AG AS3935 Datasheet HTML 24Page - ams AG AS3935 Datasheet HTML 25Page - ams AG AS3935 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
21 - 27
AS3935
Datasheet - Detailed Descri p ti on
Figure 21. Detection Efficiencies vs. Distance for Different Setting of SREJ, if WDTH=0001
At the end of the signal verification, the AS3935 automatically returns to listening mode.
8.9.2 Energy Calculation
If the received signal is classified as lightning, the energy is calculated. The result of the energy calculation is then stored in the registers
REG0x06[4:0], REG0x05[7:0] and REG0x04[7:0]. This value is just a pure number and has no physical meaning.
8.9.3 Statistical Distance Estimation
The AS3935 generates an assessment of the estimated distance to the head of an approaching storm. This assessment is done based on
statistical calculation. The energy of the single event (lightning) provided by the Energy Calculation block is stored in an internal memory,
together with timing information, in the AS3935. The events stored in the memory are then correlated with a look-up table by the statistical
distance estimation block, which provides a final estimation of the distance to the head of the storm. The algorithm automatically deletes events,
which are older than a certain time. R7=0x01 means that the storm is right overhead, while R7=0x3F is displayed when the storm is out of range.
This algorithm is hardwired and not accessible from outside.
The estimated distance is directly represented in km in the register REG0x07[5:0] (binary encoded). The distance estimation can change also if
no new event triggers the AS3935, as older events can be purged.
Table 17. Distance Estimation
REG0x07[5:0]
Distance [km]
111111
Out of range
101000
40
100101
37
100010
34
60%
40%
20%
0.0
0
10
20
30
40
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
Radius [km]
SREJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com