Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3935 Datasheet(PDF) 13 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 13 Page - ams AG

Back Button AS3935 Datasheet HTML 9Page - ams AG AS3935 Datasheet HTML 10Page - ams AG AS3935 Datasheet HTML 11Page - ams AG AS3935 Datasheet HTML 12Page - ams AG AS3935 Datasheet HTML 13Page - ams AG AS3935 Datasheet HTML 14Page - ams AG AS3935 Datasheet HTML 15Page - ams AG AS3935 Datasheet HTML 16Page - ams AG AS3935 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
12 - 27
AS3935
Datasheet - Detailed Descri p ti on
8.3.2 Register Table Description and Default Value
Table 9. Detailed Register Map
Address
Register Name
Bit
Type
Default
Value
Description
0x00
Reserved
[7:6]
R/W
0reserved
AFE_GB
[5:1]
10010
AFE Gain Boost
PWD
[0]
0
Power-down
0x01
NF_LEV
[6:4]
R/W
010
Noise Floor Level
WDTH
[3:0]
0001
Watchdog threshold
0x02
Reserved
[7]
R/W
1reserved
CL_STAT
[6]
1
Clear statistics
MIN_NUM_LIGH
[5:4]
00
Minimum number of lightning
SREJ
[3:0]
0010
Spike rejection
0x03
LCO_FDIV
[7:6]
R/W
00
Frequency division ration for antenna tuning
MASK_DIST
[5]
0
Mask Disturber
Reserved
[4]
0
reserved
INT
[3:0]
R
0000
Interrupt (see Table 18)
0x04
S_LIG_L
[7:0]
R
00000000
Energy of the Single Lightning LSBYTE
0x05
S_LIG_M
[7:0]
R
00000000
Energy of the Single Lightning MSBYTE
0x06
Reserved
[7:5]
reserved
S_LIG_MM
[4:0]
R
00000
Energy of the Single Lightning MMSBYTE
0x07
Reserved
[7:6]
reserved
DISTANCE
[5:0]
R
000000
Distance estimation
0x08
DISP_LCO
[7]
R/W
0
Display LCO on IRQ pin
DISP_SRCO
[6]
0
Display SRCO on IRQ pin
DISP_TRCO
[5]
0
Display TRCO on IRQ pin
TUN_CAP
[3:0]
0000
Internal Tuning Capacitors (from 0 to 120pF in steps of 8pf)
0x09
LDLUT1
[7:0]
R/W
10101101
Lightning Detection Look-up table
0x0A
LDLUT2
[7:0]
R/W
00000000
0x0B
LDLUT3
[7:0]
R/W
00100101
0x0C
LDLUT4
[7:0]
R/W
00000011
0x0D
LDLUT5
[7:0]
R/W
00000001
0x0E
LDLUT6
[7:0]
R/W
00100010
0x0F
LDLUT7
[7:0]
R/W
10000011
0x10
LDLUT8
[7:0]
R/W
00000001
0x11
LDLUT9
[7:0]
R/W
00011111
0x12
LDLUT10
[7:0]
R/W
01000011
0x13
LDLUT11
[7:0]
R/W
00000010
0x14
LDLUT12
[7:0]
R/W
00011011
0x15
LDLUT13
[7:0]
R/W
01100011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com