Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3935 Datasheet(PDF) 20 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 20 Page - ams AG

Back Button AS3935 Datasheet HTML 16Page - ams AG AS3935 Datasheet HTML 17Page - ams AG AS3935 Datasheet HTML 18Page - ams AG AS3935 Datasheet HTML 19Page - ams AG AS3935 Datasheet HTML 20Page - ams AG AS3935 Datasheet HTML 21Page - ams AG AS3935 Datasheet HTML 22Page - ams AG AS3935 Datasheet HTML 23Page - ams AG AS3935 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
19 - 27
AS3935
Datasheet - Detailed Descri p ti on
8.7 Analog Front-end (AFE) and Watchdog
The AFE amplifies and demodulates the AC-signal picked up by the antenna. Since the AS3935 is a lightning sensor based on narrowband
receiving technique (center frequency of 500kHz and a bandwidth of about 33kHz), the AFE bandwidth is meant to be greater than the antenna
bandwidth. In this way, it is possible to consider that the gain within the antenna bandwidth as constant.
The gain of the AFE by default is optimized to operate indoor (e.g. inside a building). If the AS3935 operates outdoor, then the AFE gain setting
has to be set to a lower value, as shown in the Table 15. Indoor and Outdoor setting must be selected according to the type of the application.
The output signal of the AFE is monitored by the watchdog, which enables the signal validation (see Signal Verification on page 11) in case the
input signal crosses a certain threshold. The AS3935 is automatically set back to Listening Mode once the Signal Validation block has made an
assessment on the nature of the received signal (lighting or disturber). With register REG0x01[3:0] it is possible to change the level of this
threshold to increase the robustness to disturbers. If higher thresholds are used, the AS3935 would loose sensitivity for very far lightning events,
with an improvement of the man-made disturber rejection as benefit.
Figure 20 shows the degradation of the detection efficiency (sensitivity of lightning detection) over the distance for different threshold settings.
Figure 20. Detection Efficiencies vs. Distance for Different Settings for WDTH, if SREJ=0000
Table 15. AFE Setting, Outdoor vs. Indoor
AFE Setting
REG0x00[5:1]
Indoor
10010
Outdoor
01110
60%
40%
20%
0.0
0
10
20
30
40
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
Radius [km]
WDTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com