Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3935 Datasheet(PDF) 2 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 2 Page - ams AG

  AS3935 Datasheet HTML 1Page - ams AG AS3935 Datasheet HTML 2Page - ams AG AS3935 Datasheet HTML 3Page - ams AG AS3935 Datasheet HTML 4Page - ams AG AS3935 Datasheet HTML 5Page - ams AG AS3935 Datasheet HTML 6Page - ams AG AS3935 Datasheet HTML 7Page - ams AG AS3935 Datasheet HTML 8Page - ams AG AS3935 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AS3935
Franklin Lightning Sensor IC
www.austriamicrosystems.com
Revision 1.2
1 - 27
Datasheet
1 General Description
The AS3935 is a programmable fully integrated Lightning Sensor IC
that detects the presence and approach of potentially hazardous
lightning activity in the vicinity and provides an estimation on the
distance to the head of the storm. The embedded lightning algorithm
checks the incoming signal pattern to reject the potential man-made
disturbers.
The AS3935 can also provide information on the noise level and
inform the external unit (e.g. microcontroller) in case of high noise
conditions, with the noise floor generator and noise floor evaluation
blocks.
The AS3935 can be programmed via a 4-wire standard SPI or an
I²C. Also, in case the latter is chosen, it is possible to choose among
four different addresses. Two clocks are internally generated by two
different RC-Oscillators: TRCO and SRCO. An automatic procedure
can increase the precision of those oscillators. The AS3935 can be
either supplied by an internal voltage regulator or directly by VDD.
2 Key Features

Lightning sensor warns of lightning storm activity within a radius
of 40km

Distance estimation to the head of the storm down to 1km in 14
steps

Detects both cloud-to-ground and intra-cloud (cloud-to-cloud)
flashes

Embedded man-made disturber rejection algorithm

Programmable detection levels enable threshold setting for
optimal controls

SPI and I²C interface is used for control and register reading

Antenna Tuning to compensate variations of the external
components

Supply voltage range 2.4V to 5.5V

Power-down, listening, and active mode

Package: 16LD MLPQ (4x4mm)
3 Applications
AS3935 is ideal for Weather Stations, Clocks, Sports Equipment,
Portables, Pool Safety, Uninterruptible Power Supply (UPS), Global
Positioning System (GPS), Cellular phones, Watches, and Golf
Equipment.
Figure 1. AS3935 Block Diagram
POR
Register
I2C
SPI
Bias
Block
Noise Floor
Level
Generation
Noise Floor
Evaluation
Signal Validation
Watchdog
Statistical Distance Estimation
LC-Oscillator
Calibration
TRCO
SRCO
I2C_ADD
VDD VREG
ACG
IRQ
GND
EN_VREG
I2CD/
MOSI
MISO
I2CL/
SCL
CS
Lightning Algorithm
Energy Calculation
ADD0 ADD1
SINT
INP
INN
AFE
TEST
Clock Generators
AS3935
Voltage
Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com