Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3935 Datasheet(PDF) 4 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 4 Page - ams AG

  AS3935 Datasheet HTML 1Page - ams AG AS3935 Datasheet HTML 2Page - ams AG AS3935 Datasheet HTML 3Page - ams AG AS3935 Datasheet HTML 4Page - ams AG AS3935 Datasheet HTML 5Page - ams AG AS3935 Datasheet HTML 6Page - ams AG AS3935 Datasheet HTML 7Page - ams AG AS3935 Datasheet HTML 8Page - ams AG AS3935 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
3 - 27
AS3935
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
1ACG
Analog I/O
AC-Ground
2
INN
Antenna ground
3
INP
Antenna positive input
4GND
Supply pad
Ground
5
VDD
Positive supply voltage
6
VREG
Positive supply voltage / Regulated voltage
7
EN_VREG
Digital input
Voltage Regulator Enable
8
CS
Chip Select (active low)
9
SI
Select Interface (GND
→ SPI or VDD → I²C)
10
IRQ
Digital output
Interrupt
11
I2CL/SCL
Digital input
I²C clock bus or SPI clock bus
(according to SI setting)
12
MISO
Digital output
SPI data output bus
13
I2CD/MOSI
Digital I/O with pull-up / Digital input
I²C data bus or SPI data input bus
(according to SI setting)
14
NC
Not connected
15
ADD0
Digital input
I²C address selection LSB
16
ADD1
I²C address selection MSB
Exposed pad
Supply pad
Connect to Ground via the GND plan and pin 4
16
1
2
3
4
12
11
10
9
15
14
13
5
6
7
8
AS3935
ACG
INN
INP
GND
SI
IRQ
I2CL / SCL
MISO
Exposed pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com