Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3935 Datasheet(PDF) 6 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 6 Page - ams AG

Back Button AS3935 Datasheet HTML 2Page - ams AG AS3935 Datasheet HTML 3Page - ams AG AS3935 Datasheet HTML 4Page - ams AG AS3935 Datasheet HTML 5Page - ams AG AS3935 Datasheet HTML 6Page - ams AG AS3935 Datasheet HTML 7Page - ams AG AS3935 Datasheet HTML 8Page - ams AG AS3935 Datasheet HTML 9Page - ams AG AS3935 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
5 - 27
AS3935
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
6.1 Operating Conditions
In this specification, all the defined tolerances for external components need to be assured over the whole operation conditions range and also
over lifetime.
6.2 DC/AC Characteristics for Digital Inputs and Outputs
Note: On ALL outputs, use the cells with the smallest drive capability which will do the job, in order to prevent current/spikes problems.
6.3 Detailed System and Block Specification
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Positive supply voltage
In case the voltage regulator is ON
2.4
5.5
V
In case the voltage regulator is OFF
2.4
3.6
V
TAMB
Ambient temperature
-40
85
ºC
Table 4. CMOS Input
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
0.6*VDD
0.7*VDD
0.9*VDD
V
VIL
Low level input voltage
0.125*VDD
0.2*VDD
0.3*VDD
V
Table 5. CMOS Output
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
With a load current of 1mA
VDD-0.4
V
VOL
Low level output voltage
VSS+0.4
V
CL
Capacitive load
For a clock frequency of 1MHz
400
pF
Table 6. Tristate CMOS Output
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
With a load current of 1mA
VDD-0.4
V
VOL
Low level output voltage
VSS+0.4
V
IOZ
Tristate leakage current
To VDD and VSS
400
nA
Table 7. Electrical System Specifications
Symbol
Parameter
Min
Typ
Max
Units
Note
Input Characteristic
RIN
Input AC impedance
200
k
Ω
Current Consumption
IPWDROFF
Power-down current when VREG is OFF
12
µA
IPWDRON
Power-down current when VREG is ON
815
µA
ILSMROFF
Current consumption in listening mode
when VREG is OFF
60
80
µA
ILSMRON
Current consumption in listening mode
when VREG is ON
70
µA
ISVM
Current Consumption in signal
verification mode
350
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com