Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3935 Datasheet(PDF) 24 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 24 Page - ams AG

Back Button AS3935 Datasheet HTML 20Page - ams AG AS3935 Datasheet HTML 21Page - ams AG AS3935 Datasheet HTML 22Page - ams AG AS3935 Datasheet HTML 23Page - ams AG AS3935 Datasheet HTML 24Page - ams AG AS3935 Datasheet HTML 25Page - ams AG AS3935 Datasheet HTML 26Page - ams AG AS3935 Datasheet HTML 27Page - ams AG AS3935 Datasheet HTML 28Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
23 - 27
AS3935
Datasheet - Detailed Descri p ti on
8.10 Antenna Tuning
The AS3935 uses a loop antenna based on a parallel LC resonator. The antenna has to be designed to have its resonance frequency at 500kHz
and a quality factor of around 15. With a register setting it is possible to display on the IRQ pin the resonance frequency of the antenna as a
digital signal with the register REG0x08[7] =1. The external unit can measure this frequency and tune the antenna adding or removing the
internal capacitors with the register REG0x08[3:0]. It is necessary to tune the antenna with an accuracy of ±3.5% to optimize the performance of
the signal validation and distance estimation. The resonance frequency is internally divided by a factor, which is programmable with the register
REG0x03[7:6]. Table 20 shows the division ratio.
8.11 Clock Generation
The clock generation is based on two different RC oscillators: a system RCO (SRCO) and a timer RCO (TRCO). The SRCO will run at about
1.1MHz and provides the main clock for the whole digital part. The TRCO is a low power low frequency oscillator and runs at 32.768 kHz.
Frequency variations in these two oscillators, due to temperature change, are automatically compensated.
The output frequency of those oscillators can be displayed on the IRQ pin with register setting (REG0x08[5] =1 TRCO, while REG0x08[6] =1
SRCO). Due to process variations, the frequency of both oscillators can be different from the nominal frequency. Therefore, it is possible to
calibrate both with a direct command. The precision of the calibration will depend on the accuracy of the resonance frequency of the antenna. It
is recommended to first trim the receiver antenna before the calibration of both oscillators is done.
The result of calibration of the 3 oscillators is stored in a volatile memory and needs to be done every time after POR (e.g. battery change) but all
oscillators are internally compensated in temperature and voltage supply variations.
If the AS3935 is set in power-down mode, the TRCO needs to be recalibrated using the following procedure:
1. Send Direct command CALIB_RCO
2. Modify REG0x08[5] = 1
3. Wait 2ms
4. Modify REG0x08[5] = 0
Table 20. Frequency Division Ratio for the Antenna Tuning
Division Ratio
REG0x03[7]
REG0x03[6]
16
0
0
32
0
1
64
1
0
128
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com