Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3935 Datasheet(PDF) 23 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 23 Page - ams AG

Back Button AS3935 Datasheet HTML 19Page - ams AG AS3935 Datasheet HTML 20Page - ams AG AS3935 Datasheet HTML 21Page - ams AG AS3935 Datasheet HTML 22Page - ams AG AS3935 Datasheet HTML 23Page - ams AG AS3935 Datasheet HTML 24Page - ams AG AS3935 Datasheet HTML 25Page - ams AG AS3935 Datasheet HTML 26Page - ams AG AS3935 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
22 - 27
AS3935
Datasheet - Detailed Descri p ti on
The calculated energy is stored in registers REG0x04[7:0], REG0x05[7:0] and REG0x06[4:0].
8.9.4 Interrupt Management
Whenever events happen, the AS3935 pulls the IRQ high and displays the interrupt in the REG0x03[3:0]. Table 18 shows the interrupt register.
The INT_NH is issued if the received noise exceeds the maximum acceptable noise. INT_NH persists until the noise is again back to low.
In case the signal validation block assesses the received signal as disturber, the INT_D is displayed. It is possible to mask the disturber
interrupts INT_D with MASK_DIST (REG0x03[5] =1).
If the MASK_DIST option is enabled, the signal on the pin IRQ never goes high if a disturber is detected.
The interrupt bus IRQ is set back to low whenever the interrupt register is read out.
The AS3935 issues a lightning interrupt (INT_L) if a new event is detected. All new events are stored in the internal memory and build up a
lightning statistic used by the distance estimation algorithm. If the AS3935 issues an interrupt and the Interrupt register is REG0x03[3:0] =000
the distance estimation has changed due to purging of old events in the statistics, based on the lightning distance estimation algorithm.
Whenever an interrupt is issued, the external unit should wait 2ms before reading the Interrupt register.
In addition, it is possible to allow the AS3935 to issue lightning interrupts only if a minimum number of events (lightning) have been detected in
the last 15 minutes. The minimum number of lightning events can be set with register REG0x02[5:4].
When this feature is utilized, a minimum number of events must occur to trigger a valid lightning event. This eliminates false triggers by man-
made disturbers that may pass the validation algorithm. It is possible to clear the statistics built up by the lightning distance estimation algorithm
block by just toggling the bit REG0x02[6] (high-low-high).
011111
31
011011
27
011000
24
010100
20
010001
17
001110
14
001100
12
001010
10
001000
8
000110
6
000101
5
000001
Storm is Overhead
Table 18. Interrupts
Interrupt Name
REG0x03[3:0]
Description
INT_NH
0001
Noise level too high
INT_D
0100
Disturber detected
INT_L
1000
Lightning interrupt
Table 19. Minimum Number of Lightning Detection
Minimum Number of Lightning
REG0x02[5]
REG0x02[4]
10
0
50
1
91
0
16
1
1
Table 17. Distance Estimation
REG0x07[5:0]
Distance [km]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com