Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 8Page - STMicroelectronics L9660 Datasheet HTML 9Page - STMicroelectronics L9660 Datasheet HTML 10Page - STMicroelectronics L9660 Datasheet HTML 11Page - STMicroelectronics L9660 Datasheet HTML 12Page - STMicroelectronics L9660 Datasheet HTML 13Page - STMicroelectronics L9660 Datasheet HTML 14Page - STMicroelectronics L9660 Datasheet HTML 15Page - STMicroelectronics L9660 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Electrical specifications
L9660
12/49
DocID024714 Rev 2
tDIAGTIMEOUT Diagnostic delay time
From/CS until Test Results
are Valid,
Output voltage change 0V to
VDD * 0.72
CSQHx= 0.12µF
CSQLx= 0.12µF
--
300
µs
High side safing diagnostics
ISRC_HSS
Diagnostic current into
selected VRESx pin during
test
Normal conditions
710
-
950
µA
IHSS_4
Current during diagnostic
All 4 VRESx pins tied
together
710
-
1020
µA
RHSSNORM_t
h
Normal resistance range
when running high side
safing diagnostics
All 4 VRESx pins tied
together
1.4
-
2.5
k
VHSSNORM_r
ange
Normal voltage range
between VSDIAG and
VRESx pin) when running
high side safing diagnostics
All 4 VRESx pins tied
together
1.0
-
2.5
V
VHSSSHORT_t
h
Short voltage threshold
between VSDIAG and
VRESx pin)
All 4 VRESx pins tied
together
0.5
-
1.0
V
VHSSOPEN_th
Open voltage threshold
between VSDIAG and
VRESx pin)
All 4 VRESx pins tied
together
2.5
-
4.0
V
tDIAGTIMEOUT Diagnostic delay time
From/CS until test results
are valid,
CSQHx= 0.12µF
CSQLx= 0.12µF
-
-
500
µs
Voltage measurement diagnostics (VRESx)
IRESx
Max diagnostic current into
VRESx pin
Normal Conditions
-
-
50
µA
VVRESXLO_th
Low voltage threshold for
VRESx pin
-5.0
-
7
V
VVRESXHI_th
High voltage threshold for
VRESx pin
-
13.7
-
18.0
V
tDIAGTIMEOUT Diagnostic delay time
From/CS until test results
are valid.
-
-
100
µs
MOS diagnostics
I_MOS
MOS test max current
Normal conditions
-
-
ISVRCM
mA
tSHUTOFF
LS/HS MOS turn off under
fault condition
Time is measured from the
valid LS/ HS MOS current >
100mA to the LS/HS turn off
--
4
µs
Table 7. Squib deployment drivers and diagnostics - DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com