Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 38Page - STMicroelectronics L9660 Datasheet HTML 39Page - STMicroelectronics L9660 Datasheet HTML 40Page - STMicroelectronics L9660 Datasheet HTML 41Page - STMicroelectronics L9660 Datasheet HTML 42Page - STMicroelectronics L9660 Datasheet HTML 43Page - STMicroelectronics L9660 Datasheet HTML 44Page - STMicroelectronics L9660 Datasheet HTML 45Page - STMicroelectronics L9660 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Functional description
L9660
42/49
DocID024714 Rev 2
The DEPLOY_SUCCESSx flag indicates if the corresponding channel’s drivers were
activated and the activation period completed. This bit is set when the activation period has
expired. The DEPLOY_SUCCESSx flag is ‘1’ until it is cleared by writing a ‘1’ to the
appropriate channel(s) (bits D3-D0).
The DEPLOY_STATUSx bit becomes ‘1’ when there is a valid Arm and Fire sequence for
the corresponding channel. The DEPLOY_STATUSx bit transitioning from a ‘0’ to a ‘1’ does
not depend on the state of the FEN function. It becomes ‘0’ when time out has expired.
Depending on the state of FEN the DEPLOY_STATUSx flag could be ‘1’ for a minimum of 1x
tDEPLOY and a maximum of up to 2 x tDEPLOY (see Figure 8.). The Deployment status is
captured on the falling edge of CS_D.
Bit D8 is used to select the meaning of bit D3 through bit D0 in the status response
message. When this bit is set to ‘1,’ bits D3 through D0 in the status response message
report the state of the DEPLOY_STATUSx flag.
When this bit is ‘0,’ bit D3 through bit D0 in the status response message report the
DEPLOY_SUCCESSx flag. The following table shows the conditions for the
DEPLOY_STATUSx flag and the DEPLOY_SUCCESSx flag.
Once set, the Deploy Success Flag inhibits the subsequent deployment command until a
SPI command to clear this deployment success flag is received. Bits D3 through bit D0 are
used to clear/keep the deploy success flag. When these bits are set to ‘1,’ the flag can be
cleared. Otherwise, the state of these flags is not affected. The Success flag must be
cleared to allow re-activation of the drivers.
Table 27. DEPLOY_STATUSx flag and DEPLOY_SUCCESSx flag conditions
DEPLOY_STATUSx flag
DEPLOY_SUCCESSx
flag
Description
0
0
No Deployment in process or has been
initiated since POR or since last Clear of
Success flag
0
1
Deployment has successfully completed
1
0
Deployment in process
1
1
Deployment terminated / LSD shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com