Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 20Page - STMicroelectronics L9660 Datasheet HTML 21Page - STMicroelectronics L9660 Datasheet HTML 22Page - STMicroelectronics L9660 Datasheet HTML 23Page - STMicroelectronics L9660 Datasheet HTML 24Page - STMicroelectronics L9660 Datasheet HTML 25Page - STMicroelectronics L9660 Datasheet HTML 26Page - STMicroelectronics L9660 Datasheet HTML 27Page - STMicroelectronics L9660 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Functional description
L9660
24/49
DocID024714 Rev 2
cleared. Otherwise, the state of these flags is not affected. The Success flag must be
cleared to allow re-activation of the drivers.
During driver activation the respective high side (SQHx) and low side (SQLx) drivers turn on
for tDEPLOY.
L9660 driver activation does not occur or, if firing is in process, is terminated under the
following conditions:
Power On Reset (POR)
IREF resistance is larger than RIREF_H or smaller than RIREF_L
Loss of ground condition on GND pin
The following conditions are ignored when driver activation is in progress:
RESETB
Valid soft reset sequences
SPI commands except as noted below. Response for ignored commands is 0xD009
FEN function
The following table shows the response when sending SPI commands during deployment.
Note 1: SPI MISO sent in the next SPI transmission.
The L9660 can only deploy a channel when the FEN function is active. Once the drivers are
active the L9660 keeps the drivers on for the required duration regardless of the FEN state.
Once complete a status bit is set to indicate firing is complete.
3.4.2
Firing current measurement
All channels have a 7 bit current measurement register that is used to measure the amount
of time the current is above IMEAS during firing. The maximum measurement for each
channel is 3.175ms nominal based on a bit weight of 25µs. The current measurement
register does not increment outside the deployment time. The current measurement begins
incrementing once the current has exceeded 95% of the nominal target value. The count
continues to increment from the stored value until either a clear command has been issued
for that channel or all ‘1’s are present in the corresponding channel measurement register. If
all ‘1’s are present for a channel’s measurement register and another firing sequence has
been issued the register remains all ‘1’s. Only if a clear command has been issued that
particular register resets to all ‘0’s. All other channels shall keep the stored measurement
count. During firing the current measurement register cannot be cleared. After a clear
command has been issued for a channel then the channel is ready to count if the current
exceeds the specified level. After a POR or software reset the L9660 resets all 4
measurement registers to all ‘0’s.
Table 10. SPI MOSI/MISO response
SPI MOSI
SPI MISO
Response
Configuration
Commands
SPI fault response
MOSI register mode messages are ignored
Deployment Commands Command mode
Execute for channels not in deployment; no effect
to deploying channel
Diagnostic Commands
SPI fault response
MOSI diagnostic mode messages are ignored
Monitor Commands
Status response
Execute for all channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com