Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 41Page - STMicroelectronics L9660 Datasheet HTML 42Page - STMicroelectronics L9660 Datasheet HTML 43Page - STMicroelectronics L9660 Datasheet HTML 44Page - STMicroelectronics L9660 Datasheet HTML 45Page - STMicroelectronics L9660 Datasheet HTML 46Page - STMicroelectronics L9660 Datasheet HTML 47Page - STMicroelectronics L9660 Datasheet HTML 48Page - STMicroelectronics L9660 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
DocID024714 Rev 2
45/49
L9660
Functional description
48
Bit D1:
0 = FEN2 input or FEN2 latch timer inactive
1 = FEN2 input or FEN2 latch timer active
Bit D0:
0 = FEN1 input or FEN1 latch timer inactive
1 = FEN1 input or FEN1 latch timer active
Note:
The FEN status is the result of the state of the FEN input pin OR’d with the FEN latch timer.
The FEN latch timer remains inactive until a transition of ‘1’ to ‘0’ on the FEN input
(assuming the pin was high for a minimum of 16µs). At that time the FEN latch timer is
active and keeps the internal FEN signal active based on the programmed time (0ms,
128ms, 256ms or 512ms) for that particular FEN function.
With Bit D9=0 CFS
Bit D7:D4:‘0000’
Bit D3:
0 = Current through channel 3 is below IMEAS
1 = Current through channel 3 is above IMEAS
Bit D2:
0 = Current through channel 2 is below IMEAS
1 = Current through channel 2 is above IMEAS
Bit D1:
0 = Current through channel 1 is below IMEAS
1 = Current through channel 1 is above IMEAS
Bit D0:
0 = Current through channel 0 is below IMEAS
1 = Current through channel 0 is above IMEAS
Note:
Current status for channel is captured on the falling edge of chip select.
Monitor mode 4
Monitor mode main information:
Revision
L9660 ID
The SPI message definition for MOSI commands and MISO responses in Monitor Mode 4
are defined below:
.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MOSI Command for Monitor Mode 4
1
1
P
0
1
1
0
0
0
0
0
0
0
0
0
0
MISO Response for Monitor Mode 4
1
1
P
0
1
1
ID3
ID2
ID1
ID0
R5
R4
R3
R2
R1
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com