Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 17Page - STMicroelectronics L9660 Datasheet HTML 18Page - STMicroelectronics L9660 Datasheet HTML 19Page - STMicroelectronics L9660 Datasheet HTML 20Page - STMicroelectronics L9660 Datasheet HTML 21Page - STMicroelectronics L9660 Datasheet HTML 22Page - STMicroelectronics L9660 Datasheet HTML 23Page - STMicroelectronics L9660 Datasheet HTML 24Page - STMicroelectronics L9660 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
DocID024714 Rev 2
21/49
L9660
Functional description
48
Serial data input (MOSI)
MOSI inputs take data from the master processor while chip select is asserted. The MSB
shall be the first bit of each word/byte received on MOSI and the LSB shall be the last bit of
each word/byte received.
This pin has TTL level compatible input voltages allowing proper operation with
microprocessors using a 3.3 to 5.0 volt supply.
3.4
Squib drivers
3.4.1
Firing
The on-chip deployment drivers are designed to deliver 1.2 A (min) for 2ms (min) and 1.75A
(min) for 1ms (min) and 1.75A (min) for 0.65ms (min) with VRESx voltages between 7V and
37 V. In addition the L9660 can provide 1.5A minimum for 2ms for VRESx voltages between
7V and 25V. The firing condition is selectable via the SPI. At the end of a deployment, a
deploy success flag is asserted and can be read using the appropriate SPI command. Each
VRESx and GNDx connection is used to accommodate 4 loops that can be deployed
simultaneously.
Upon receiving a valid deployment condition, the respective SQHx and SQLx drivers are
turned on. The only other activation of the SQHx and SQLx drivers is momentarily during a
MOS diagnostic. Otherwise, SQHx and SQLx are inactive under any normal, fault, or
transient conditions. Upon a successful deployment of the respective SQHx and SQLx
drivers, a deploy command success flag is asserted via SPI. Refer to Figure 8 for the valid
conditions and the deploy success flag timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com