Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 31Page - STMicroelectronics L9660 Datasheet HTML 32Page - STMicroelectronics L9660 Datasheet HTML 33Page - STMicroelectronics L9660 Datasheet HTML 34Page - STMicroelectronics L9660 Datasheet HTML 35Page - STMicroelectronics L9660 Datasheet HTML 36Page - STMicroelectronics L9660 Datasheet HTML 37Page - STMicroelectronics L9660 Datasheet HTML 38Page - STMicroelectronics L9660 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
DocID024714 Rev 2
35/49
L9660
Functional description
48
The Deploy Status becomes ‘1’ when there is a valid fire sequence. Once active it becomes
‘0’ when the time out has expired waiting FEN activation or when squib driver has turned off
for fire completion. The same information is available when receiving a response from
Monitor Mode 1.
For the drivers to be fire capable the command mode 1 (Arming) must be sent followed by
command mode 2 (Firing). With this sequence valid and FEN active then firing begins. A
break in the sequence requires the process to be restarted. All other bit patterns for D12-D0
are ignored and the L9660 responds with $D005.
To begin a deployment 2 consecutive commands need to be sent along with the FEN active
(external or internal latch). An example of a firing sequence for channel 0 would be as
follows
FENx active or inactive
TX – 0x5901 – ARM Channel 0
RX – Based on previous command
D0
0
Channel 0 Idle (default)
Internal Stored Value Arm bit
1
Arm Channel 0
Table 19. Deployment mode 2 bit definition
Bit
MOSI command
MISO response
State
Description
D15
0
Mode bits
See above
D14
1
-
See above
D13
Odd Parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
D12 – D8
Fire pattern
See above
D7
0
-
0
D6
0
-
0
D5
0
-
0
D4
0
-
0
D3
0
Channel 3 Idle (default)
Internal Deploy Status
1
Deploy Channel 3
D2
0
Channel 2 Idle (default)
Internal Deploy Status
1
Deploy Channel 2
D1
0
Channel 1 Idle (default)
Internal Deploy Status
1
Deploy Channel 1
D0
0
Channel 0 Idle (default)
Internal Deploy Status
1
Deploy Channel 0
Table 18. Deployment mode 1 bit definition
Bit
MOSI command
MISO response
State
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com