Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 23Page - STMicroelectronics L9660 Datasheet HTML 24Page - STMicroelectronics L9660 Datasheet HTML 25Page - STMicroelectronics L9660 Datasheet HTML 26Page - STMicroelectronics L9660 Datasheet HTML 27Page - STMicroelectronics L9660 Datasheet HTML 28Page - STMicroelectronics L9660 Datasheet HTML 29Page - STMicroelectronics L9660 Datasheet HTML 30Page - STMicroelectronics L9660 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
DocID024714 Rev 2
27/49
L9660
Functional description
48
to battery/ground diagnostics, then that particular channel has a short to another squib loop
in the system.
The following table indicated how faults would be interpreted.
Once the command is issued the state of the comparators is captured on the next falling
edge of CS_D. The results are valid after TSHORTDIAG time, which is mainly dependant on
the external capacitors on the squib lines.
Squib resistance measurement
During a resistance measurement, both ISRC and ISINK are switched on and connected to
the selected SQHx and SQLx channel. A differential voltage is created between the SQHx
and SQLx pin based in the ISRC current and resistance between the pins. The analog
output pin, AOUT, provides the resistance-measurement voltage based on the scaling factor
indicated in the electrical parameters section. The tri-state output, AOUT, is connected to an
ADC input of a microprocessor. When not running squib resistance diagnostics the AOUT
pin is in high impedance state.
To increase accuracy of the squib resistance measurements the offset of the internal
amplifier can be provided on the AOUT pin. This is done by setting the appropriate
calibration bit, waiting the required time, and reading the converted AOUT voltage
connected to the microprocessor ADC.
The normal measurement method for squib resistance is to take a single ended analog
output measurement for a channel (VAOUT with AMC bit=0) and use the tolerances and
equation shown in the parametric table. The L9660 is also capable of improving the
tolerance at resistances below 3.5 Ohms by removing the offset of the differential
comparator. This method works taking the single ended analog output results for a channel
(VAOUT with AMC bit=0) and subtracting the internal comparator offset measurement of
VAOUT_CAL (VAOUT with AMC bit=1). The summary of the equation for this is as follows:
AOUT_CAL = (VAOUT – VAOUT_CAL)/VDD
AOUT_CAL typical = 0.08 x RSQUIB
High squib resistance diagnostics
During a high squib resistance diagnostic, VRCM and ISINK are switched ON and
connected to SQHx and SQLx on the selected channel. Current flowing on SQHx is
measured and compared to IHR threshold to identify if resistance is above or below
RSQHZ. The results are reported in the next SPI message. Once the command is issued
Table 11. How faults shall be interpreted
Fault condition for
channel(1)
1.
Condition where 2 open channels have the SQHx pins shorted is not detected. If one squib is open and the
other has a normal squib connection then the fault is indicated on the channel that is open. Assumes both
pins are tested.
Channel leakage diagnostics
results with IPD ON
Channel leakage
diagnostics results with IPD
OFF
No Shorts
No Fault
No Fault
Short to battery
STB Fault
STB Fault
Loop to loop short
STG Fault
No Fault
Short to ground
STG Fault
STG Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com