Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 21Page - STMicroelectronics L9660 Datasheet HTML 22Page - STMicroelectronics L9660 Datasheet HTML 23Page - STMicroelectronics L9660 Datasheet HTML 24Page - STMicroelectronics L9660 Datasheet HTML 25Page - STMicroelectronics L9660 Datasheet HTML 26Page - STMicroelectronics L9660 Datasheet HTML 27Page - STMicroelectronics L9660 Datasheet HTML 28Page - STMicroelectronics L9660 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
DocID024714 Rev 2
25/49
L9660
Functional description
48
A “real-time” current measurement status of all the channels is available. If a current limit
status request is sent then the L9660 reports in the next SPI transfer whether the current is
above or below IMEAS for each of the channels. The current status results can be read at
any time and correctly reports whether current is flowing. The content of the internal current
status register is captured on the falling edge of chip select during the SPI response. The
internal status register is updated at a nominal sample time of 25 µs and is independent
from SPI transfers.
For this circuit there is a continuously performed compensation of the comparator in order to
remove offset errors, which is independent from SPI commands. The compensation is being
performed every 12.8 µs based on the internal clock.
3.4.3
Fire enable (FEN) function description
The Fire Enable (FEN) function is the result of the FENx input OR’d with the internal FEN
latch. If the FEN latch is not enabled and the FENx pin is low then activations of the FET
drivers are disabled except as indicated during the MOS test. All internal diagnostics are
active, and results are available through the serial interface. This pin must be pulled high to
initiate the FEN latch function (if programmed) and enable firing of the FET drivers.
There are two FEN function blocks
FEN Function 1 is FEN1 input OR’d with FEN1 latch timer and used for enabling
channels 0 & 1
FEN Function 2 is FEN1 input OR’d with FEN2 latch timer and used for enabling
channels 2 & 3
The FEN function is considered active when the pin is active (‘1’ or high) for more than 12
microseconds. Tolerance range for the filter used is 12 to 16 µs.
When the FENx input is active, ‘1’, the FEN function activates. When the FENx input state
transitions from ‘1’ to ‘0’, the programmable latching function holds the FEN function
active until the time-out of the FEN timer. The programmable latch and hold function are
capable of delays of 0ms, 128ms, 256ms, and 512ms. There are 2 independent timers with
the timer for FEN1 associated with channels 0 & 1, timer for FEN2 associated with channels
2 & 3. The timer is reset to the programmed time when the FENx pin transitions from
‘0’ to ‘1’. The programmable counter delay is set through a SPI command.
3.4.4
Squib diagnostics
Overview
The ASIC is able to perform the following diagnostics
Short to battery and ground on both SQHx and SQLx pins with or without a squib
Loop to loop diagnostics
Squib resistance measurement
Squib High resistance
High side safing FET diagnostics
VRESx voltage status
High and low side FET diagnostics
Below is a block diagram showing the components involved in the squib diagnostics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com