Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 40Page - STMicroelectronics L9660 Datasheet HTML 41Page - STMicroelectronics L9660 Datasheet HTML 42Page - STMicroelectronics L9660 Datasheet HTML 43Page - STMicroelectronics L9660 Datasheet HTML 44Page - STMicroelectronics L9660 Datasheet HTML 45Page - STMicroelectronics L9660 Datasheet HTML 46Page - STMicroelectronics L9660 Datasheet HTML 47Page - STMicroelectronics L9660 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Functional description
L9660
44/49
DocID024714 Rev 2
All other combinations for MOSI bits D9:D7 produce an error response of 0xD000.
Bits [D6:D0]
Current measurement data of selected squib channel. Bit weight is
nominally 25µs for a total measurement time 3.175ms.
Monitor mode 3
Monitor mode main information:
Status of FENx Function - FENx pin OR’d with Internal FENx latch
Status of current for each channel
The SPI message definition for MOSI commands and MISO responses in Monitor Mode 3
are defined below.
Bit [D8] POR status
0= Reset occurred. Bit cleared when read
1= Normal
With Bit D9=1 CFS
Bit D7:D2‘000000’
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MOSI Command for Monitor Mode 3
1
1
P
0
1
0
CFS
0
0
0
0
0
0
0
0
0
MISO Response for Monitor Mode 3
1
1
P
0
1
0
CFS
POR
STA
T
CF7
CF6
CF5
CF4
CF3
CF2
CF1
CF0
Table 30. MOSI monitor mode 3 bit definition
Bit
MOSI command
MISO response
State
Description
D15
1
Mode Bits
See above for state
D14
1
See above for state
D13
-
Odd Parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
D12
0
-
See above for state
D11
1
-
See above for state
D10
0
-
See above for state
D09
Status Type
0 = Current limit status
1 = FEN function status
0 = current measurement status reported
in bit D7:D0
1 = FEN function status reported in D7:D0
D08
0
-
POR status
D7:D0
0
-
Current measurement status of channels
or FEN status as indicated below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com