Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 39Page - STMicroelectronics L9660 Datasheet HTML 40Page - STMicroelectronics L9660 Datasheet HTML 41Page - STMicroelectronics L9660 Datasheet HTML 42Page - STMicroelectronics L9660 Datasheet HTML 43Page - STMicroelectronics L9660 Datasheet HTML 44Page - STMicroelectronics L9660 Datasheet HTML 45Page - STMicroelectronics L9660 Datasheet HTML 46Page - STMicroelectronics L9660 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
DocID024714 Rev 2
43/49
L9660
Functional description
48
Monitor mode 2
Monitor mode main information:
Current limit measurement of channels
The SPI message definition for MOSI commands and MISO responses in Monitor Mode 2
are defined below.
Bits [D9:D7].
Used when sending the MOSI command to select the channel to be
measured. The MISO response echoes the MOSI command.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MOSI Command for Monitor Mode 2
1
1
P
CLR
0
1
Current
Measurement
Channel Select
0
0
0
0
0
0
0
MISO Response for Monitor Mode 2
1
1
P
0
0
1
Current
Measurement
Channel
Current Measurement Data
Table 28. MOSI monitor mode 2 Bit definition
Bit
MOSI command
MISO response
State
Description
D15
1
Mode bits
See above for state
D14
1
Mode bits
See above for state
D13
Odd parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
D12
0
Keep timer measurements
See above for state
1
Clear “current measurement time” stored
on the register of channel selected by
D9:D7
See above for state
D11
0
Monitor mode selection bits
See above for state
D10
1
Monitor mode selection bits
See above for state
D9
Channel selected for current
measurement
See Table 29
Internal Stored channel selections bits
D8
D7
D6:D0
0
-
Current measurement of selected
channel
Table 29. Current measurement channel selections
Channel
Bit D9
Bit D08
Bit D07
0
0
0
0
1
0
0
1
2
0
1
0
3
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com