Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 36Page - STMicroelectronics L9660 Datasheet HTML 37Page - STMicroelectronics L9660 Datasheet HTML 38Page - STMicroelectronics L9660 Datasheet HTML 39Page - STMicroelectronics L9660 Datasheet HTML 40Page - STMicroelectronics L9660 Datasheet HTML 41Page - STMicroelectronics L9660 Datasheet HTML 42Page - STMicroelectronics L9660 Datasheet HTML 43Page - STMicroelectronics L9660 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Functional description
L9660
40/49
DocID024714 Rev 2
SQP bit: Squib Pin to be tested during short to
battery/ground diagnostics
0 = SQBLx pin test
1 = SQBHx pin test
Bits D4
Used to disable IPD on all channels
0 = IPD active as indicated;
– Active for all channels except the one under test when
running Short to Battery/Ground and short between
loops
Diagnostics and LS/HS FET test
– Active for all channels when running Stop Diagnostic,
Resistance Diagnostics, High Squib Resistance
Diagnostics, HSS Diagnostic and VRESx Diagnostics
1 = IPD disabled on all channels
Bits D3
AMC Bit
Bit used for resistance measurement amplifier calibration.
Only valid when squib resistance diagnostics is selected,
otherwise this is ignored and a 0 is reported in the
response
0 = No calibration (Normal squib resistance measurements)
1 = Calibration
For bits D2:D0
The following table shall be used for channel selection.
All other combinations for MOSI bits D2:D0 produce an error response of 0xD000.
Note:
Except for short to battery /ground diagnostics and loop to loop test the state of IPD (D4)
does not affect the test.
Table 25. Channel selection
Channel
Bit D2
Bit D1
Bit D0
0
0
0
0
1
0
0
1
2
0
1
0
3
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com