Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 34Page - STMicroelectronics L9660 Datasheet HTML 35Page - STMicroelectronics L9660 Datasheet HTML 36Page - STMicroelectronics L9660 Datasheet HTML 37Page - STMicroelectronics L9660 Datasheet HTML 38Page - STMicroelectronics L9660 Datasheet HTML 39Page - STMicroelectronics L9660 Datasheet HTML 40Page - STMicroelectronics L9660 Datasheet HTML 41Page - STMicroelectronics L9660 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Functional description
L9660
38/49
DocID024714 Rev 2
Bits D8:D7
The definition of the response bits changes as follows based on
diagnostic select
STB/STG bit Definition with MOSI D11:D9=001 (Leakage Test)
STB bit Bit used for indicating leakage to battery.
0 = No leakage to battery
1 = Short to battery / HS Driver test pass
STG bit Bit used for indicating leakage to ground.
0 = No leakage to battery
1 = Short to ground / LS Driver test pass
STB/STG bit Definition with MOSI D11:D9=110 (LS FET)
STB, STG bits see table below
Table 20. Diagnostic selection
Diagnostic
Bits
Current source
active
Comparator or
amplifier
D11
D10
D9
Stop Diagnostic
0
0
0
NO
NO
Short to Battery/Ground and
short between loops
0
0
1
Y (VMRC)
Y (Comp
ISTB/ISTG)
VRESx Diagnostic
0
1
0
N
Y (Comp VRESx)
High Side Safing Diagnostics
0
1
1
Y (IHSS)
Y (Comp HSS)
Squib Resistance Diagnostics
1
0
0
Y (ISRC/ISINK)
Y (Amply)
High Squib Resistance
Diagnostics
1
0
1
Y (VMRC/ISINK)
Y (Comp IHR)
LS FET test
1
1
0
Y (VMRC)
Y (Comp
ISTB/ISTG)
HS FET test
1
1
1
Y (VMRC)
Y (Comp
ISTB/ISTG)
Table 21. Diagnostic mode LS FET selection
Condition
STB
STG
Test in Process (FT=1); Fault present prior to run test (FP=1); or LS
FET/GNDx open fault (FP=0,FT=0). Only Valid if test is in process
or inactive.
0
0
Short to battery occurred during test.
1
0
Test Pass if leakage diagnostics did not indicate a short to Gnd.
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com