Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961T Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS4961T
Description  Mono class D audio power amplifier with dedicated analog switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961T Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS4961T Datasheet HTML 10Page - STMicroelectronics TS4961T Datasheet HTML 11Page - STMicroelectronics TS4961T Datasheet HTML 12Page - STMicroelectronics TS4961T Datasheet HTML 13Page - STMicroelectronics TS4961T Datasheet HTML 14Page - STMicroelectronics TS4961T Datasheet HTML 15Page - STMicroelectronics TS4961T Datasheet HTML 16Page - STMicroelectronics TS4961T Datasheet HTML 17Page - STMicroelectronics TS4961T Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Electrical characteristics
TS4961T
14/49
Table 11.
Electrical characteristics at VCC +2.4 V with GND = 0 V, Vicm = 1.2 V,
Tamb = 25° C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
1.7
mA
ISTBY
Standby current (1)
No input signal, VSTBY = GND
10
nA
Voo
Output offset voltage
No input signal, RL = 8Ω
3mV
Pout
Output power, G=6dB
THD = 1% Max, f = 1kHz, RL = 4Ω
THD = 10% Max, f = 1kHz, RL = 4Ω
THD = 1% Max, f = 1kHz, RL = 8Ω
THD = 10% Max, f = 1kHz, RL = 8Ω
0.42
0.61
0.3
0.38
W
THD + N
Total harmonic distortion + noise
Pout = 150 mWRMS, G = 6dB, 20Hz < f < 20kHz
RL = 8Ω + 15µH, BW < 30kHz
1%
Efficiency
Efficiency
Pout = 0.38 WRMS, RL = 4Ω +≥ 15µH
Pout = 0.25 WRMS, RL = 8Ω+≥ 15µH
77
86
%
CMRR
Common mode rejection ratio
f = 217Hz, RL = 8Ω, G = 6dB, ΔVic = 200mVpp
54
dB
Gain
Gain value (Rin in kΩ)V/V
RSTBY
Internal resistance from standby to GND
273
300
327
k
Ω
FPWM
Pulse width modulator base frequency
280
kHz
SNR
Signal to noise ratio (A-weighting)
Pout = 0.25W, RL = 8Ω
80
dB
tWU
Wake-up time
5
ms
tSTBY
Standby time
5
ms
273k
Ω
R
in
-----------------
300k
Ω
R
in
-----------------
327k
Ω
R
in
-----------------
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com