Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961T Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS4961T
Description  Mono class D audio power amplifier with dedicated analog switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961T Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS4961T Datasheet HTML 24Page - STMicroelectronics TS4961T Datasheet HTML 25Page - STMicroelectronics TS4961T Datasheet HTML 26Page - STMicroelectronics TS4961T Datasheet HTML 27Page - STMicroelectronics TS4961T Datasheet HTML 28Page - STMicroelectronics TS4961T Datasheet HTML 29Page - STMicroelectronics TS4961T Datasheet HTML 30Page - STMicroelectronics TS4961T Datasheet HTML 31Page - STMicroelectronics TS4961T Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Electrical characteristics curves
TS4961T
28/49
3.2
Analog switch section
The graphs included in this section use the following abbreviations.
●
RL + 15 µH or 30 µH = pure resistor + very low series resistance inductor.
●
Filter = LC output filter (1 µF + 30 µH for 4
Ω and 0.5 µF + 6 0µH for 8 Ω).
●
All measurements done with Cs1 = 1 µF and Cs2 = 100 nF except for PSRR where Cs1
is removed.
Figure 50.
Test diagram for switch measurements
Figure 51.
Test diagram for isolation switch measurements
D1
D2
GND
Vcc
CSS
100nF
GND
RL
4 or 8 Ohms
Audio Measurement
Bandwidth < 30kHz
T1
T2
of the TS4961T
Switch section
GNDS
Measurement
Audio Amplifier
SL1
SL2
Vcc
D1
D2
GND
Vcc
CSS
100nF
GND
RL
Audio Measurement
Bandwidth < 30kHz
T1
T2
of the TS4961T
Switch section
GNDS
Measurement
Audio Amplifier
GND
SL1
SL2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com