Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961T Datasheet(PDF) 32 Page - STMicroelectronics

Part # TS4961T
Description  Mono class D audio power amplifier with dedicated analog switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961T Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TS4961T Datasheet HTML 28Page - STMicroelectronics TS4961T Datasheet HTML 29Page - STMicroelectronics TS4961T Datasheet HTML 30Page - STMicroelectronics TS4961T Datasheet HTML 31Page - STMicroelectronics TS4961T Datasheet HTML 32Page - STMicroelectronics TS4961T Datasheet HTML 33Page - STMicroelectronics TS4961T Datasheet HTML 34Page - STMicroelectronics TS4961T Datasheet HTML 35Page - STMicroelectronics TS4961T Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Electrical characteristics curves
TS4961T
32/49
Figure 58.
Switching time and charge injection
test circuit schematics
Figure 59.
Switching time and charge injection
VCC
GND
D
T
SEL
VOUT
RL
CL
VIN
RL =1 MΩ, CL = 100 pF
Figure 60.
Turn on, turn off time test circuit
schematics
Figure 61.
Turn on, turn off time
VCC
GND
D
T
SEL
VOUT
RL
CL
VS
VIN
Figure 62.
THD+N vs. output power
Figure 63.
THD+N vs. output power
Vcc=3.3V
Vcc=4.3V
Vcc=2.5V
RL = 4
Ω
F = 100Hz
BW < 30kHz
Tamb = 25
°C
Vcc=3.3V
Vcc=4.3V
Vcc=2.5V
RL = 8
Ω
F = 100Hz
BW < 30kHz
Tamb = 25
°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com