Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961T Datasheet(PDF) 33 Page - STMicroelectronics

Part # TS4961T
Description  Mono class D audio power amplifier with dedicated analog switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TS4961T Datasheet HTML 29Page - STMicroelectronics TS4961T Datasheet HTML 30Page - STMicroelectronics TS4961T Datasheet HTML 31Page - STMicroelectronics TS4961T Datasheet HTML 32Page - STMicroelectronics TS4961T Datasheet HTML 33Page - STMicroelectronics TS4961T Datasheet HTML 34Page - STMicroelectronics TS4961T Datasheet HTML 35Page - STMicroelectronics TS4961T Datasheet HTML 36Page - STMicroelectronics TS4961T Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
TS4961T
Electrical characteristics curves
33/49
Figure 64.
THD+N vs. output power
Figure 65.
THD+N vs. output power
Vcc=3.3V
Vcc=4.3V
Vcc=2.5V
RL = 4
Ω
F = 1kHz
BW < 30kHz
Tamb = 25
°C
Vcc=3.3V
Vcc=4.3V
Vcc=2.5V
RL = 8
Ω
F = 1kHz
BW < 30kHz
Tamb = 25
°C
Figure 66.
THD+N vs. output power
Figure 67.
THD+N vs. output power
Vcc=3.3V
Vcc=4.3V
Vcc=2.5V
RL = 4
Ω
F = 10kHz
BW < 30kHz
Tamb = 25
°C
Vcc=3.3V
Vcc=4.3V
Vcc=2.5V
RL = 8
Ω
F = 10kHz
BW < 30kHz
Tamb = 25
°C
Figure 68.
THD+N vs. frequency
Figure 69.
THD+N vs. frequency
Po=10mW
Po=2mW
RL=4
Ω
Vcc=2.5V
Bw < 30kHz
Tamb = 25
°C
20k
50
Po=15mW
Po=5mW
RL=8
Ω
Vcc=2.5V
Bw < 30kHz
Tamb = 25
°C
20k
50
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com