Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961T Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS4961T
Description  Mono class D audio power amplifier with dedicated analog switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961T Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS4961T Datasheet HTML 11Page - STMicroelectronics TS4961T Datasheet HTML 12Page - STMicroelectronics TS4961T Datasheet HTML 13Page - STMicroelectronics TS4961T Datasheet HTML 14Page - STMicroelectronics TS4961T Datasheet HTML 15Page - STMicroelectronics TS4961T Datasheet HTML 16Page - STMicroelectronics TS4961T Datasheet HTML 17Page - STMicroelectronics TS4961T Datasheet HTML 18Page - STMicroelectronics TS4961T Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
TS4961T
Electrical characteristics
15/49
VN
Output voltage noise f = 20Hz to 20kHz, G = 6dB
μVRMS
Unweighted RL = 4Ω
A-weighted RL = 4Ω
85
60
Unweighted RL = 8Ω
A-weighted RL = 8Ω
86
62
Unweighted RL = 4Ω + 15µH
A-weighted RL = 4Ω + 15µH
76
56
Unweighted RL = 4Ω + 30µH
A-weighted RL = 4Ω + 30µH
82
60
Unweighted RL = 8Ω + 30µH
A-weighted RL = 8Ω + 30µH
67
53
Unweighted RL = 4Ω + Filter
A-weighted RL = 4Ω + Filter
Unweighted RL = 4Ω + Filter
A-weighted RL = 4Ω + Filter
78
57
74
54
1.
Standby mode is active when VSTBY is tied to GND.
Table 11.
Electrical characteristics at VCC +2.4 V with GND = 0 V, Vicm = 1.2 V,
Tamb = 25° C (unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com