Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961T Datasheet(PDF) 38 Page - STMicroelectronics

Part # TS4961T
Description  Mono class D audio power amplifier with dedicated analog switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961T Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TS4961T Datasheet HTML 34Page - STMicroelectronics TS4961T Datasheet HTML 35Page - STMicroelectronics TS4961T Datasheet HTML 36Page - STMicroelectronics TS4961T Datasheet HTML 37Page - STMicroelectronics TS4961T Datasheet HTML 38Page - STMicroelectronics TS4961T Datasheet HTML 39Page - STMicroelectronics TS4961T Datasheet HTML 40Page - STMicroelectronics TS4961T Datasheet HTML 41Page - STMicroelectronics TS4961T Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Application component information
TS4961T
38/49
4.5
Shutdown time (tSTBY)
When the standby command is set, the time required to put the two output stages into high
impedance and to put the internal circuitry in standby mode, is about 5 ms. This time is used
to decrease the gain and avoid any pop noise during shutdown.
4.6
Consumption in standby mode
Between the shutdown pin and GND there is an internal 300 k
Ωresistor. This resistor forces
the TS4961T to switch to standby mode when the standby input is left floating.
However, this resistor also introduces additional power consumption if the standby pin
voltage is not 0 V.
4.7
Single-ended input configuration
The TS4961Tcan be used in a single-ended input configuration, but input coupling
capacitors are necessary. Figure 76 shows a typical single-ended input application.
Figure 76.
Typical single-ended input application
All formulas are identical except for the gain (with Rin in kΩ) :
Due to the internal resistor tolerance, AVsingle is in the range of:
In the event that multiple single-ended inputs are summed, it is important that the
impedance on both TS4961 inputs (In- and In+) be equal.
Rin
Rin
GND
GND
Vcc
SPEAKER
Cin
Cin
Ve
GND
GND
Standby
In-
Stdby
In+
Out-
Out+
VCCA
12
15
16
7
8
6
5
GNDA
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
300k
TS4961T(Audio Amplifier Part)
Csa
1uF
A
V
gle
sin
V
e
Out
+
Out
-
–
-------------------------------
300
R
in
----------
==
273
R
in
----------
A
V
gle
sin
327
R
in
----------
≤≤
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com