Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961T Datasheet(PDF) 35 Page - STMicroelectronics

Part # TS4961T
Description  Mono class D audio power amplifier with dedicated analog switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961T Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TS4961T Datasheet HTML 31Page - STMicroelectronics TS4961T Datasheet HTML 32Page - STMicroelectronics TS4961T Datasheet HTML 33Page - STMicroelectronics TS4961T Datasheet HTML 34Page - STMicroelectronics TS4961T Datasheet HTML 35Page - STMicroelectronics TS4961T Datasheet HTML 36Page - STMicroelectronics TS4961T Datasheet HTML 37Page - STMicroelectronics TS4961T Datasheet HTML 38Page - STMicroelectronics TS4961T Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
TS4961T
Application component information
35/49
4
Application component information
Figure 75.
Typical application schematics
Table 15.
Component information
Component
Functional description
CSA
Bypass supply capacitor. Install as close as possible to the VCCA pin of the
TS4961T to minimize high-frequency ripple. A 1 uF ceramic capacitor should be
added to enhance power supply filtering at high frequencies (see below).
CSS
Bypass supply capacitor. Install as close as possible to the VCCS pin of the
TS4961T to minimize high-frequency ripple. A 100 nF ceramic capacitor should
be added to enhance power supply filtering at high frequencies.
RIN
Input resistor to program the TS4961T differential gain (gain = 300 k
Ω/RIN with
RIN in kΩ).
CIN
Because common mode feedback is implemented, these input capacitors are
optional. However, they can be added to form with RIN a 1st order high pass filter
with a -3 dB cut-off frequency = 1/(2*
π*RIN*CIN).
/STDBY
IN+
IN-
VCCA
VCCS
SL1
SL2
D1
D2
T1
T2
GNDA
GNDS
OUT+
OUT-
7
6
12
16
15
11
4
2
7
13
9
BB
Analog Switch
4-8 ohms
Class D
Amplifier
8
5
CODEC
C
IN
C
IN
R
IN
R
IN
2.4 to 4.3V
2.4 to 4.3V
3
1
C
SA
C
SS
TS4961T
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com