Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961T Datasheet(PDF) 40 Page - STMicroelectronics

Part # TS4961T
Description  Mono class D audio power amplifier with dedicated analog switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961T Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TS4961T Datasheet HTML 36Page - STMicroelectronics TS4961T Datasheet HTML 37Page - STMicroelectronics TS4961T Datasheet HTML 38Page - STMicroelectronics TS4961T Datasheet HTML 39Page - STMicroelectronics TS4961T Datasheet HTML 40Page - STMicroelectronics TS4961T Datasheet HTML 41Page - STMicroelectronics TS4961T Datasheet HTML 42Page - STMicroelectronics TS4961T Datasheet HTML 43Page - STMicroelectronics TS4961T Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Application component information
TS4961T
40/49
4.8
Output filter considerations
The TS4961T is designed to operate without an output filter. However, due to very sharp
transients on the TS4961T output, EMI radiated emissions may cause some standard
compliance issues.
These EMI standard compliance issues can appear if the distance between the TS4961T
outputs and loudspeaker terminal are long (typically more than 50 mm, or 100 mm in both
directions, to the speaker terminals). Since the PCB layout and internal equipment device
are different for each configuration, it is difficult to provide a one-size-fits-all solution.
However, to decrease the probability of EMI issues, there are several simple rules to follow.
●
Reduce, as much as possible, the distance between the TS4961T output pins and the
speaker terminals.
●
Use ground planes for shielding sensitive wires.
●
Place, as close as possible to the TS4961T and in series with each output, a ferrite
bead with a rated current of 2.5 A minimum, and impedance greater than 50
Ω at
frequencies above 30 MHz. If, after testing, these ferrite beads are not necessary,
replace them by a short circuit.
●
Allow enough footprint to place, if necessary, a capacitor to short perturbations to
ground as shown in Figure 78.
Figure 78.
Output filter for shorting pertubations to ground
In the case where the distance between the TS4961T outputs and speaker terminals is high,
it is possible to have low frequency EMI issues due to the fact that the typical operating
frequency is 250 kHz.
In this configuration, it is recommended to use an output filter. It should be placed as close
as possible to the TS4961T.
Ferrite chip bead
about 100pF
Gnd
From TS4961T output
To speaker
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com