Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961T Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS4961T
Description  Mono class D audio power amplifier with dedicated analog switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS4961T Datasheet HTML 13Page - STMicroelectronics TS4961T Datasheet HTML 14Page - STMicroelectronics TS4961T Datasheet HTML 15Page - STMicroelectronics TS4961T Datasheet HTML 16Page - STMicroelectronics TS4961T Datasheet HTML 17Page - STMicroelectronics TS4961T Datasheet HTML 18Page - STMicroelectronics TS4961T Datasheet HTML 19Page - STMicroelectronics TS4961T Datasheet HTML 20Page - STMicroelectronics TS4961T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
TS4961T
Electrical characteristics
17/49
Table 13.
AC electrical characteristics (CL = 35 pF, RL =50 Ω, tr =tf ≤5ns)
Symbol
Parameter
VCC (V)
Test conditions
Value
Unit
Tamb = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
tPLH, tPHL Propagation delay
2.5
−−2.7
0.45
ns
3.0
−−3.3
0.30
3.6
−−4.3
0.30
tON
Turn-ON time
2.5
−−2.7
VS =1.5 V
65
85
90
ns
3.0
−−3.3
42
55
65
3.6
−−4.3
40
55
65
tOFF
Turn-OFF time
2.5
−−2.7
VS =1.5 V
18
30
40
ns
3.0
−−3.3
16
30
40
3.6
−−4.3
15
30
40
Q
Charge injection
2.5
−−2.7
CL = 100 pF
RL =1MΩ
VGEN =0V
RGEN =0 Ω
51
pC
3.0
−−3.3
51
3.6
−−4.3
49
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com