Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961T Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4961T
Description  Mono class D audio power amplifier with dedicated analog switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961T Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4961T Datasheet HTML 12Page - STMicroelectronics TS4961T Datasheet HTML 13Page - STMicroelectronics TS4961T Datasheet HTML 14Page - STMicroelectronics TS4961T Datasheet HTML 15Page - STMicroelectronics TS4961T Datasheet HTML 16Page - STMicroelectronics TS4961T Datasheet HTML 17Page - STMicroelectronics TS4961T Datasheet HTML 18Page - STMicroelectronics TS4961T Datasheet HTML 19Page - STMicroelectronics TS4961T Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Electrical characteristics
TS4961T
16/49
2.2
Analog switch section
Table 12.
DC specifications
Symbol
Parameter
VCC (V)
Test conditions
Value
Unit
Tamb =25°C
-40 to 85 °C
Min
Typ
Max
Min
Max
VIH
High level input voltage
2.5
1.2
1.2
V
2.7
−3.0
1.3
1.3
3.3
−3.6
1.4
1.4
4.3
1.5
1.5
VIL
Low level input voltage
2.5
0.25
0.25
V
2.7
−3.0
0.25
0.25
3.3
−3.6
0.30
0.30
4.3
0.40
0.40
RPEAK,
Tn
Switch Tn ON
resistance
4.3
VS = 0 V to VCC
IS = 100 mA
1.10
1.3
1.5
Ω
3.6
1.15
1.4
1.6
3.0
1.25
1.5
1.8
2.7
1.35
1.6
1.9
ΔRON,
Tn
ON resistance match
between Tn channels(1)
4.3
VS at RPEAK
IS = 100 mA
10
m
Ω
3.6
14
3.0
14
2.7
15
RFLAT,
Tn
ON resistance flatness
for Tn channels(2)
4.3
VS = 0 to VCC
IS = 100 mA
0.45
0.50
0.55
Ω
3.6
0.45
0.50
0.55
3.0
0.50
0.55
0.60
2.7
0.55
0.60
0.70
IOFF
OFF state leakage
current (Tn), (Dn)
4.3
VS = 0.3 or 4 V
±0.1
±1µA
ISEL
SEL leakage current
0
−4.3
VSEL = 0 to 4.3 V
±0.05
±1µA
ICC
Quiescent supply
current
2.4
−4.3
VSEL =VCC or GND
±0.05
±0.2
µA
ICCLV
Quiescent supply
current low voltage
driving
4.3
VSEL = 1.65 V
±37
±50
±100
µA
VSEL = 1.80 V
±33
±40
±50
VSEL = 2.60 V
±12
±20
±30
1.
ΔRON =RON(max) -RON(min).
2.
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com