Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961T Datasheet(PDF) 43 Page - STMicroelectronics

Part # TS4961T
Description  Mono class D audio power amplifier with dedicated analog switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961T Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TS4961T Datasheet HTML 39Page - STMicroelectronics TS4961T Datasheet HTML 40Page - STMicroelectronics TS4961T Datasheet HTML 41Page - STMicroelectronics TS4961T Datasheet HTML 42Page - STMicroelectronics TS4961T Datasheet HTML 43Page - STMicroelectronics TS4961T Datasheet HTML 44Page - STMicroelectronics TS4961T Datasheet HTML 45Page - STMicroelectronics TS4961T Datasheet HTML 46Page - STMicroelectronics TS4961T Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
TS4961T
Application component information
43/49
4.10
Using the audio amplifier and switch on the same speaker
The TS4961T can be used to supply a speaker with two different sources. The typical
application is shown in Figure 81.
Figure 81.
Typical application schematics for the TS4961T
The first source is a line-out signal provided by the baseband and the second is a
speaker-out signal coming from the CODEC. Switching is done through the standby pin
(/STDBY) of the audio amplifier and through the SLn pins of the switch.
Note that, as shown in Figure 82, all pins should not be switched at the same time because
this can cause damage to the TS4961T audio amplifier and to the external audio amplifier
that provides the speaker-out signal.
/STDBY
IN+
IN-
VCCA
VCCS
SL1
SL2
D1
D2
T1
T2
GNDA
GNDS
OUT+
OUT-
7
6
12
16
15
11
4
2
7
13
9
Line
Out
Source
Analog Switch
4-8 ohms
Class D
Amplifier
8
5
C
IN
C
IN
R
IN
R
IN
2.4 to 4.3V
2.4 to 4.3V
3
1
C
SA
C
SS
TS4961T
Speaker
Out
Source
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com