Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961T Datasheet(PDF) 36 Page - STMicroelectronics

Part # TS4961T
Description  Mono class D audio power amplifier with dedicated analog switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4961T Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TS4961T Datasheet HTML 32Page - STMicroelectronics TS4961T Datasheet HTML 33Page - STMicroelectronics TS4961T Datasheet HTML 34Page - STMicroelectronics TS4961T Datasheet HTML 35Page - STMicroelectronics TS4961T Datasheet HTML 36Page - STMicroelectronics TS4961T Datasheet HTML 37Page - STMicroelectronics TS4961T Datasheet HTML 38Page - STMicroelectronics TS4961T Datasheet HTML 39Page - STMicroelectronics TS4961T Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Application component information
TS4961T
36/49
4.1
Common mode feedback loop limitations
The common mode feedback loop allows the output DC bias voltage to be averaged at
VCC/2 for any DC common mode bias input voltage.
However, because of the Vicm limitation in the input stage (see Table 2: Operating conditions
for audio amplifier section on page 3), the common mode feedback loop can only fulfill its
role within a defined range. This range depends upon the values of VCC and Rin (Av). To
obtain a good estimation of the Vicm value, the following formula can be used (no tolerance
on Rin):
with
and the result of the calculation must be in the range:
Due to the +/-9% tolerance on the 150 k
Ω resistor, it is also important to check Vicm in these
conditions:
If the result of the Vicm calculation is not in the previous range, input coupling capacitors
must be used (with VCC from 2.4 V to 2.5 V, input coupling capacitors are mandatory).
For example:
With VCC =3V, Rin =150 kΩ and VIC = 2.5 V, we typically find Vicm = 2 V and this is lower
than 3 V - 0.8 V = 2.2 V. With 136.5 k
Ω we find 1.97 V, and with 163.5 kΩ we have 2.02 V.
Therefore, no input coupling capacitors are required.
V
icm
V
CC
R
in
×
2V
IC
×
150k
Ω
×
+
2R
in
150k
Ω
+
()
×
------------------------------------------------------------------------------
(V)
=
V
IC
In
+
In
-
+
2
---------------------
(V)
=
0.5V
V
icm
V
CC
0.8V
–
≤≤
V
CC
R
in
×
2V
IC
×
136.5k
Ω
×
+
2R
in
136.5k
Ω
+
()
×
-----------------------------------------------------------------------------------
V
icm
V
CC
R
in
×
2V
IC
×
163.5k
Ω
×
+
2R
in
163.5k
Ω
+
()
×
-----------------------------------------------------------------------------------
≤≤
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com