Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 104 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 104 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 100Page - Teccor Electronics P3602ACMC Datasheet HTML 101Page - Teccor Electronics P3602ACMC Datasheet HTML 102Page - Teccor Electronics P3602ACMC Datasheet HTML 103Page - Teccor Electronics P3602ACMC Datasheet HTML 104Page - Teccor Electronics P3602ACMC Datasheet HTML 105Page - Teccor Electronics P3602ACMC Datasheet HTML 106Page - Teccor Electronics P3602ACMC Datasheet HTML 107Page - Teccor Electronics P3602ACMC Datasheet HTML 108Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 212 page
background image
High Speed Transmission Equipment
http://www.teccor.com
3 - 16
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Additional T1 Design Considerations
A T1 application can be TIA-968 approved as two different possible device types. An XD
device means an external CSU is used and the unit does not have to meet the
TIA-968 environmental test conditions, but it must connect only behind a separately
registered DE device. This XD equipment does not have to meet the T1 pulse template
requirements. If not classified as an XD device, then typically the application must adhere to
TIA-968 environmental test conditions.
T3 Protection
The capacitance across the pair of wires = (D1 || D2) + P0640EC/SC. The diode
capacitance is approximately (10 pF || 10 pF) 20 pF. Then adding the capacitive effect of
the P0640EC/SCMC, which is typically 60 pF, the total capacitance across the pair of wires
is approximately 15 pF. The MUR 1100E diodes are fast-switching diodes that will exhibit
this level of capacitance. MURS160T3 is a surface mount equivalent. (Figure 3.18)
Figure 3.18 T3 Protection
Alternately, the advanced P0642SA exhibits very low capacitance and can be used as a
stand-alone device.
Figure 3.19 Alternate T3 Protection
P0640EC/SC MC or
P0720EC/SC MC
D1
D2
F1250T
P0642SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com