Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 108 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 108 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 104Page - Teccor Electronics P3602ACMC Datasheet HTML 105Page - Teccor Electronics P3602ACMC Datasheet HTML 106Page - Teccor Electronics P3602ACMC Datasheet HTML 107Page - Teccor Electronics P3602ACMC Datasheet HTML 108Page - Teccor Electronics P3602ACMC Datasheet HTML 109Page - Teccor Electronics P3602ACMC Datasheet HTML 110Page - Teccor Electronics P3602ACMC Datasheet HTML 111Page - Teccor Electronics P3602ACMC Datasheet HTML 112Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 212 page
background image
Analog Line Cards
http://www.teccor.com
3 - 20
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Figure 3.23 illustrates the use of the P2600SA and P0721CA2 for overvoltage protection
and the F0500T for overcurrent protection in addition to 20
W of series resistance on both
Tip and Ring. The series resistance is required to limit the transient surge currents to within
the surge current rating of the “A” series SIDACtor devices and the F0500T TeleLink fuse.
Figure 3.23 SLIC Protection with Fixed Voltage SIDACtor Devices
The illustration of SLIC protection in Figure 3.24 shows Teccor’s Battrax device protecting
Legerity’s (formerly AMD’s) Am79R79 from overvoltages and uses a F1250T to protect
against sustained power cross conditions. The Battrax product was designed specifically to
protect SLICs that cannot withstand potential differences greater than VREF ±10 V.
Figure 3.24 SLIC Protection with Programmable Voltage SIDACtor Devices
R
E
L
A
Y
S
L
I
C
F0500T
F0500T
P2600SA
P2600SA
P0721CA2
20
Ω
20
Ω
Tip
Ring
F1250T
F1250T
Legerity
Am79R79
-VREF
B1XX0CC
B1XX0CC
-VREF
0.1 µF
0.1µF
Tip
Ring
1N4935/
MUR120
1N4935/
MUR120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com