Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 131 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 131 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 127Page - Teccor Electronics P3602ACMC Datasheet HTML 128Page - Teccor Electronics P3602ACMC Datasheet HTML 129Page - Teccor Electronics P3602ACMC Datasheet HTML 130Page - Teccor Electronics P3602ACMC Datasheet HTML 131Page - Teccor Electronics P3602ACMC Datasheet HTML 132Page - Teccor Electronics P3602ACMC Datasheet HTML 133Page - Teccor Electronics P3602ACMC Datasheet HTML 134Page - Teccor Electronics P3602ACMC Datasheet HTML 135Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 212 page
background image
GR 1089–Core
© 2002 Teccor Electronics
4 - 7
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
First Level AC Power Fault Criteria
Table 4.6 presents test conditions for the First Level AC Power Fault Test. The EUT is
required to pass operationally.
Notes:
1. For EUT containing secondary voltage limiting and current limiting protectors, tests are to be performed at the indicated voltage(s)
and repeated at a reduced voltage and current just below the operating threshold of the secondary protectors.
2. Test 5 simulates a high impedance induction fault. For specific information, please contact Teccor Electronics.
3. Test conditions 6 through 9 are objective, not mandatory, requirements.
4. Sufficient time may be allowed between applications to preclude thermal accumulation.
Second Level AC Power Fault Criteria
Test conditions for the Second Level AC Power Fault Test are dependent on whether the
EUT is intended for customer premises equipment or non-customer premises equipment. In
both instances, although the EUT is not required to pass operationally, it may not become a
fire, fragmentation, or electrical safety hazard.
Second Level AC Power Fault Criteria for Non-customer Premises
Equipment
Table 4.7 presents test conditions for non-customer premises equipment. (Note that test
conditions 1, 3, and 4 may be omitted if the EUT has previously met UL 60950.) See
Figure 4.1 for test connection appearances.
Table 4.6 First Level AC Power Fault Test
Test
Applied Voltage,
60 Hz
(VRMS)
Short Circuit
Current per
Conductor
(A)
Duration
Primary
Protectors
Test Connections
(Table 4.1, Figure 4.1)
1 (Note 1)
50
0.33
15 min
Removed
A
2 (Note 1)
100
0.17
15 min
Removed
A
3 (Note 1)
200, 400, 600
1A at 600 V
60 applications,
1 s each
Removed
A
4 (Note 4)
1000
1
60 applications,
1 s each
In place
B
5 (Note 2)
N/A
N/A
60 applications,
5 s each
Removed
N/A
6 (Note 3)
600
0.5
30 s
Removed
A
7 (Note 3)
600
2.2
2 s
Removed
A
8 (Note 3)
600
3
1 s
Removed
A
9 (Note 3)
1000
5
0.5 s
In place
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com